Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 28 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 28 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 21Page - GENESYS LOGIC GL830 Datasheet HTML 22Page - GENESYS LOGIC GL830 Datasheet HTML 23Page - GENESYS LOGIC GL830 Datasheet HTML 24Page - GENESYS LOGIC GL830 Datasheet HTML 25Page - GENESYS LOGIC GL830 Datasheet HTML 26Page - GENESYS LOGIC GL830 Datasheet HTML 27Page - GENESYS LOGIC GL830 Datasheet HTML 28Page - GENESYS LOGIC GL830 Datasheet HTML 29Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 28
CONTROL DIMENSIONS ARE IN MILLIMETERS.
SYMBOL
MILLIMETER
INCH
MIN.
NOM. MAX.
MAX.
MIN.
NOM.
A
A1
A2
D
E
D1
E1
R2
R1
c
L
L1
S
b
e
aaa
bbb
ccc
ddd
D2
E2
TOLERANCES OF FORM AND POSITION
16.00 BASIC
16.00 BASIC
14.00 BASIC
14.00 BASIC
0.630 BASIC
0.630 BASIC
0.551 BASIC
0.551 BASIC
0.05
1.35
1.40
1.60
0.15
1.45
0
0
11
11
3.5
12
12
7
13
13
0.08
0.08
0.20
0.003
0.003
0.008
0
0
11
11
3.5
12
12
7
13
13
0.063
0.006
0.057
0.055
0.002
0.053
0.20
0.20
0.08
0.07
0.008
0.008
0.003
0.003
0.40 BASIC
12.40 BASIC
12.40 BASIC
0.016 BASIC
0.488 BASIC
0.488 BASIC
1.00 REF
0.039 REF
0.09
0.45
0.20
0.13
0.60
0.16
0.20
0.75
0.23
0.004
0.018
0.008
0.005
0.024
0.006
0.008
0.030
0.009
0-
02
-
03
-
01
-
NOTES :
1.
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE
PROTRUSION IS 0.25 mm PER SIDE. D1 AND
E1 ARE MAXIMUM PLASTIC BODY SIZE
DIMENSIONS INCLUDING MOLD MISMATCH.
DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b
DIMENSION BY MORE THAN 0.08mm.
DAMBAR CAN NOT BE LOCATED ON THE
LOWER RADIUS OR THE FOOT.
SEATING
PLANE
C
C
ccc
01
-
0
-
A
A2
A1
c
e
D1
D2
b
D
A B
B
A
D
D
C
H
aaa
bbb
ddd
4X
4X
M C
B
A
s
s
D
A
B
D
1
128
32
33
64
65
96
97
GAGE PLANE
R1
R2
0.25mm
S
L
03
-
02
-
H
GL830
AAAAAAAGAA
YWWXXXXXXXX
Date Code
Lot Code
Internal
No.
Code
No.
Green
Package
Figure 7.3 - GL830 128 Pin LQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com