Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 14Page - GENESYS LOGIC GL830 Datasheet HTML 15Page - GENESYS LOGIC GL830 Datasheet HTML 16Page - GENESYS LOGIC GL830 Datasheet HTML 17Page - GENESYS LOGIC GL830 Datasheet HTML 18Page - GENESYS LOGIC GL830 Datasheet HTML 19Page - GENESYS LOGIC GL830 Datasheet HTML 20Page - GENESYS LOGIC GL830 Datasheet HTML 21Page - GENESYS LOGIC GL830 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 18
Table 3.6 – 128 Pin Descriptions
USB Interface
Pin Name
Pin#
Type
Description
RREF
68
A
Reference resistor
DM
71
B
HS D-
DP
72
B
HS D+
AVDD
66,67,73
P
USB Analog 3.3V power
AGND
69,70,74
P
USB Analog Ground
SATA Interface
Pin Name
Pin#
Type
Description
RTERM
96
A
Reference resistor
PLLVDD
104,105
P
1.8V Power Supplies for internal PLL
PLLVSS
106
P
Ground for internal PLL
RXPEXT
107
I
eSATA Differential Receive RX+
RXNEXT
108
I
eSATA Differential Receive RX-
TXNEXT
109
O
eSATA Differential Transmit TX-
TXPEXT
110
O
eSATA Differential Transmit TX+
TXVSS
111
P
Ground for transceiver part
TXVDD
112
P
1.8V Power Supplies for transceiver part
TXP
113
O
SATA Differential Transmit TX+
TXN
114
O
SATA Differential Transmit TX-
RXN
115
I
SATA Differential Receive RX-
RXP
116
I
SATA Differential Receive RX+
RXVDD
117
P
1.8V Power Supplies for receiver part
RXVSS
118
P
Ground for receiver part
Digital Power and Ground
Pin Name
Pin#
Type
Description
CVDD
16,17,47,
77,119
P
1.8V Digital Power
VDD
18,50,51
87,88,91,
94
P
3.3V Digital Power
GND
20,48,75,
76,86,89,
90,95,
120
P
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com