Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 10 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 10 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 6Page - GENESYS LOGIC GL830 Datasheet HTML 7Page - GENESYS LOGIC GL830 Datasheet HTML 8Page - GENESYS LOGIC GL830 Datasheet HTML 9Page - GENESYS LOGIC GL830 Datasheet HTML 10Page - GENESYS LOGIC GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC GL830 Datasheet HTML 14Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 10
CHAPTER 3
PIN ASSIGNMENT
3.1 Pinouts
LQFP - 48
RTERM
37
PLLVDD
38
PLLVSS
39
TXVSS
40
TXVDD
41
TXP
42
TXN
43
RXN
44
RXP
45
RXVDD
46
RXVSS
47
CVDD
48
AGND
RREF
AVDD
NC
GPIO1
NC
PIO2
GPIO2
NC
V5
VDD
GND
24
23
22
21
20
19
18
17
16
15
14
13
Figure 3.1 - 48 Pin LQFP Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com