Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 20Page - GENESYS LOGIC GL830 Datasheet HTML 21Page - GENESYS LOGIC GL830 Datasheet HTML 22Page - GENESYS LOGIC GL830 Datasheet HTML 23Page - GENESYS LOGIC GL830 Datasheet HTML 24Page - GENESYS LOGIC GL830 Datasheet HTML 25Page - GENESYS LOGIC GL830 Datasheet HTML 26Page - GENESYS LOGIC GL830 Datasheet HTML 27Page - GENESYS LOGIC GL830 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 24
CHAPTER 6
ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Ratings
Table 6.1 - Maximum Ratings
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Digital I/O pad power supply voltage
3.0
3.3
3.6
V
Vcore
Digital power supply voltage
1.62
1.8
1.98
V
VAUSB
Analog power supply voltage for USB PHY
3.0
3.3
3.6
V
VASATA
Analog power supply voltage for SATA PHY
1.62
1.8
1.98
V
VESD
Static discharge voltage
4000
V
TA
Ambient Temperature
0
100
oC
6.2 Temperature Conditions
Table 6.2 - Temperature Conditions
Item
Value
Storage Temperature
-50
oC ~ 150 oC
Operating Temperature
0
oC ~ 70 oC
6.3 DC Characteristics
6.3.1 I/O Type digital pins
Table 6.3 - I/O Type digital pins
Parameter
Min.
Typ.
Max.
Unit
Current sink @ VOL = 0.4V
10.58
14.21
16.87
mA
Current output @ VOH = 2.4V (TTL high)
14.74
27.46
43.0
mA
Falling slew rate at 30 pF loading capacitance
0.56
0.91
1.28
V/ns
Rising slew rate at 30 pF loading capacitance
0.58
0.91
1.72
V/ns
Schmitt trigger low to high threshold point
1.4
1.5
1.6
V
Schmitt trigger low to high threshold point
1.4
1.5
1.6
V
Pad internal pull up resister
37.87K
64.7K
108.11K
Ohms
Pad internal pull down resister
29.85K
59.45K
134.26K
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com