Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 10Page - GENESYS LOGIC GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC GL830 Datasheet HTML 14Page - GENESYS LOGIC GL830 Datasheet HTML 15Page - GENESYS LOGIC GL830 Datasheet HTML 16Page - GENESYS LOGIC GL830 Datasheet HTML 17Page - GENESYS LOGIC GL830 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 14
14
NC
-
30
GPIO1
B
46
CVDD
P
62
RXVSS
P
15
PIO0
B
31
NC
-
47
GND
P
63
CVDD
P
16
PIO1
B
32
NC
-
48
RTERM
A
64
GND
P
Table 3.3 – 128 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
GPIO0
B
33
PIO0
B
65
AINTRQ
B
97
NC
-
2
GPIO3
B
34
PIO1
B
66
AVDD
P
98
NC
-
3
PIO4
B
35
ROM_A0
O
67
AVDD
P
99
NC
-
4
PIO3
B
36
DD2
B
68
RREF
A
100
NC
-
5
ROM_A5
O
37
ROM_D0
B
69
AGND
P
101
NC
-
6
DD7
B
38
DD13
B
70
AGND
P
102
NC
-
7
ROM_A11
O
39
ROM_D7
B
71
DM
B
103
NC
-
8
DD8
B
40
DD1
B
72
DP
B
104
PLLVDD
P
9
HRST_
I
41
ROM_D1
B
73
AVDD
P
105
PLLVDD
P
10
DD6
B
42
DD14
B
74
AGND
P
106
PLLVSS
P
11
ROM_A4
O
43
ROM_D6
B
75
GND
P
107
RXPEXT
I
12
DD9
B
44
DD0
B
76
GND
P
108
RXNEXT
I
13
ROM_A12
O
45
ROM_D2
B
77
CVDD
P
109
TXNEXT
O
14
DD5
B
46
DD15
B
78
DA1
B
110
TXPEXT
O
15
ROM_A3
O
47
CVDD
P
79
DA0
B
111
TXVSS
P
16
CVDD
P
48
GND
P
80
NC
-
112
TXVDD
P
17
CVDD
P
49
MODE1
I
81
DA2
B
113
TXP
O
18
VDD
P
50
VDD
P
82
ROM_D3
B
114
TXN
O
19
MOD0
I
51
VDD
P
83
CS0_
B
115
RXN
I
20
GND
P
52
V5
I
84
ROM_D4
B
116
RXP
I
21
DD10
B
53
ROM_D5
B
85
CS1_
B
117
RXVDD
P
22
ROM_A13
O
54
DMARQ
B
86
GND
P
118
RXVSS
P
23
TEST
I
55
GPIO2
B
87
VDD
P
119
CVDD
P
24
TXD
O
56
DIOW_
B
88
VDD
P
120
GND
P
25
RXD
B
57
PIO2
B
89
GND
P
121
NC
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com