Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 7Page - GENESYS LOGIC GL830 Datasheet HTML 8Page - GENESYS LOGIC GL830 Datasheet HTML 9Page - GENESYS LOGIC GL830 Datasheet HTML 10Page - GENESYS LOGIC GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC GL830 Datasheet HTML 14Page - GENESYS LOGIC GL830 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 11
GL830
LQFP - 64
TXP
57
TXN
58
RXN
59
RXP
60
RXVDD
61
RXVSS
62
CVDD
63
GND
64
PLLVDD
49
PLLVSS
50
RXPEXT
51
RXNEXT
52
TXNEXT
53
TXPEXT
54
TXVSS
55
TXVDD
56
25
24
23
22
21
20
19
18
17
32
31
30
29
28
27
26
6
GPIO2
NC
V5
VDD
GND
CVDD
NC
NC
NC
NC
NC
GPIO1
NC
NC
PIO2
NC
7
8
9
10
11
12
13
14
15
16
5
4
3
2
1
43
42
41
40
39
38
37
36
35
34
33
44
45
46
47
48
Figure 3.2 - 64 Pin LQFP Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com