Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC GL830 Datasheet HTML 14Page - GENESYS LOGIC GL830 Datasheet HTML 15Page - GENESYS LOGIC GL830 Datasheet HTML 16Page - GENESYS LOGIC GL830 Datasheet HTML 17Page - GENESYS LOGIC GL830 Datasheet HTML 18Page - GENESYS LOGIC GL830 Datasheet HTML 19Page - GENESYS LOGIC GL830 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 16
CVDD
6,12,29,
35,48
P
1.8V Digital Power
VDD
7,14 30,
32
P
3.3V Digital Power
GND
1,8,13,
31,36
P
Digital Ground
V5
15
p
5V Power Input
Miscellaneous Interface
Pin Name
Pin#
Type
Description
TEST
9
I (pd) Test Mode Input
X2
33
B
Crystal Output
X1
34
I
Crystal Input
HRST_
5
I (pu) Reset Pin
GPIO0~3
2,20,17,3
B
(pu)
General Purpose I/O #0~#3
PIO0~3
10,11,18,
4
B
(pd)
Programmable I/O #0~#3
NC
16,19,21
-
No connection
Table 3.5 – 64 Pin Descriptions
USB Interface
Pin Name
Pin#
Type
Description
RREF
34
A
Reference resistor
DM
36
B
HS D-
DP
37
B
HS D+
AVDD
33,38
P
USB Analog 3.3V power
AGND
35,39
P
USB Analog Ground
SATA Interface
Pin Name
Pin#
Type
Description
RTERM
48
A
Reference resistor
PLLVDD
49
P
1.8V Power Supplies for internal PLL
PLLVSS
50
P
Ground for internal PLL
RXPEXT
51
I
eSATA Differential Receive RX+
RXNEXT
52
I
eSATA Differential Receive RX-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com