Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 8Page - GENESYS LOGIC GL830 Datasheet HTML 9Page - GENESYS LOGIC GL830 Datasheet HTML 10Page - GENESYS LOGIC GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC GL830 Datasheet HTML 14Page - GENESYS LOGIC GL830 Datasheet HTML 15Page - GENESYS LOGIC GL830 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 12
GL830
LQFP - 128
PIO0
33
PIO1
34
ROM_A0
35
DD2
36
ROM_D0
37
DD13
38
ROM_D7
39
DD1
40
ROM_D1
41
DD14
42
ROM_D6
43
DD0
44
ROM_D2
45
DD15
46
CVDD
47
GND
48
MODE1
49
VDD
50
VDD
51
V5
52
ROM_D5
53
DMARQ
54
GPIO2
55
DIOW_
56
PIO2
57
DIOR_
58
T_ROM
59
IORDY
60
GPIO1
61
DMACK_
62
NC
97
NC
98
NC
99
NC
100
NC
101
NC
102
NC
103
PLLVDD
104
PLLVDD
105
PLLVSS
106
RXPEXT
107
RXNEXT
108
TXNEXT
109
TXPEXT
110
TXVSS
111
TXVDD
112
TXP
113
TXN
114
RXN
115
RXP
116
RXVDD
117
RXVSS
118
CVDD
119
GND
120
NC
121
ROM_A8
122
ROM_A7
123
ROM_A9
124
ROM_A6
125
ROM_A10
126
ARESET_
127
SPDSEL
128
PHYRDY
63
GPIO4
64
Figure 3.3 - 128 Pin LQFP Pinout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com