Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 13 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 13 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 9Page - GENESYS LOGIC GL830 Datasheet HTML 10Page - GENESYS LOGIC GL830 Datasheet HTML 11Page - GENESYS LOGIC GL830 Datasheet HTML 12Page - GENESYS LOGIC GL830 Datasheet HTML 13Page - GENESYS LOGIC GL830 Datasheet HTML 14Page - GENESYS LOGIC GL830 Datasheet HTML 15Page - GENESYS LOGIC GL830 Datasheet HTML 16Page - GENESYS LOGIC GL830 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 13
3.2 Pin List
Table 3.1 – 48 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
GND
P
13
GND
P
25
DM
B
37
RTERM
A
2
GPIO0
B
14
VDD
P
26
DP
B
38
PLLVDD
P
3
GPIO3
B
15
V5
P
27
AVDD
P
39
PLLVSS
P
4
PIO3
B
16
NC
-
28
AGND
P
40
TXVSS
P
5
HRST_
I
17
GPIO2
B
29
CVDD
P
41
TXVDD
P
6
CVDD
P
18
PIO2
B
30
VDD
P
42
TXP
O
7
VDD
P
19
NC
-
31
GND
P
43
TXN
O
8
GND
P
20
GPIO1
B
32
VDD
P
44
RXN
I
9
TEST
I
21
NC
-
33
X2
B
45
RXP
I
10
PIO0
B
22
AVDD
P
34
X1
I
46
RXVDD
P
11
PIO1
B
23
RREF
A
35
CVDD
P
47
RXVSS
P
12
CVDD
P
24
AGND
P
36
GND
P
48
CVDD
P
Table 3.2 – 64 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
GPIO0
B
17
NC
-
33
AVDD
P
49
PLLVDD
P
2
GPIO3
B
18
NC
-
34
RREF
A
50
PLLVSS
P
3
PIO3
B
19
NC
-
35
AGND
P
51
RXPEXT
I
4
NC
-
20
CVDD
P
36
DM
B
52
RXNEXT
I
5
HRST_
I
21
GND
P
37
DP
B
53
TXNEXT
O
6
NC
-
22
VDD
P
38
AVDD3
P
54
TXPEXT
O
7
NC
-
23
V5
P
39
AGND3
P
55
TXVSS
P
8
CVDD
P
24
NC
-
40
CVDD
P
56
TXVDD
P
9
VDD
P
25
GPIO2
B
41
VDD
P
57
TXP
O
10
MODE
I
26
NC
-
42
GND
P
58
TXN
O
11
GND
P
27
PIO2
B
43
VDD
P
59
RXN
I
12
TEST
I
28
NC
-
44
X2
B
60
RXP
I
13
NC
-
29
NC
-
45
X1
I
61
RXVDD
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com