Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL830 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL830
Description  USB 2.0 to SATA Bridge Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL830 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL830 Datasheet HTML 15Page - GENESYS LOGIC GL830 Datasheet HTML 16Page - GENESYS LOGIC GL830 Datasheet HTML 17Page - GENESYS LOGIC GL830 Datasheet HTML 18Page - GENESYS LOGIC GL830 Datasheet HTML 19Page - GENESYS LOGIC GL830 Datasheet HTML 20Page - GENESYS LOGIC GL830 Datasheet HTML 21Page - GENESYS LOGIC GL830 Datasheet HTML 22Page - GENESYS LOGIC GL830 Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
GL830 USB2.0 to SATA Bridge Controller
©2007 Genesys Logic Inc. - All rights reserved.
Page 19
V5
52
p
5V Power Input
ATA/ ATAPI Interface (Host mode)
Pin Name
Pin#
Type
Description
DD0~15
44,40,36,
30,26,14,
10,6,8,12,
21,28,32,
38,42,46
B
IDE Data Bus
ARESET_
127
I
(pu)
Device Reset
CS1_, CS0_
85, 83
I
(pu)
Chip Select #1,#0
DA0~2
79,78,81
I
(pd)
IDE Address #2,#1,#0
INTRQ
65
O
IDE interrupt input
DMACK_
62
I
(pu)
IDE Acknowledge
IORDY
60
O
IDE Ready
DIOR_
58
I
(pu)
IDE read signal
DIOW_
56
I
(pu)
IDE write signal
DMARQ
54
O
IDE request
ATA/ ATAPI Interface (Device mode)
Pin Name
Pin#
Type
Description
DD0~15
44,40,36,
30,26,14,
10,6,8,12,
21,28,32,
38,42,46
B
IDE Data Bus
ARESET_
127
O
Device Reset
CS1_, CS0_
85, 83
O
Chip Select #1,#0
DA0~2
79,78,81
O
IDE Address #2,#1,#0
INTRQ
65
I
(pd)
IDE interrupt input
DMACK_
62
O
IDE Acknowledge
IORDY
60
I
(pu)
IDE Ready
DIOR_
58
O
IDE read signal
DIOW_
56
O
IDE write signal
DMARQ
54
I
(pd)
IDE request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com