Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 67 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 63Page - STMicroelectronics STW5098T Datasheet HTML 64Page - STMicroelectronics STW5098T Datasheet HTML 65Page - STMicroelectronics STW5098T Datasheet HTML 66Page - STMicroelectronics STW5098T Datasheet HTML 67Page - STMicroelectronics STW5098T Datasheet HTML 68Page - STMicroelectronics STW5098T Datasheet HTML 69Page - STMicroelectronics STW5098T Datasheet HTML 70Page - STMicroelectronics STW5098T Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
STw5098
Analog input/output operative ranges
67/85
11.3
Line output levels
Analog supply range: 2.7 V < VCCA <3.3 V
11.4
Power output levels HP
Analog supply range: 2.7 V < VCCA <3.3 V
11.5
Power output levels LS and EAR
Analog supply range: 2.7 V < VCCA <3.3 V
Overload level (differential)
versus line in gain
Line in gain > 0dB
−(Line_In_Gain)
dBFS
Note: When 2.4 V < VCCA < 2.7 V, the values are reduced by 2dB
Table 48.
Microphone input levels, absolute levels at pins connected to the line-in amplifiers
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 49.
Absolute levels at OLP/OLN, ORP/ORN
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Output level, single ended
0 dB gain
Full scale digital input
707
2
-6
mVRMS
Vpp
dBFS
Output level, differential
0 dB gain
Full scale digital input
1.41
4
0
mVRMS
Vpp
dBFS
Note: When 2.4 V < VCCA < 2.7 V, the values are reduced by 2dB
Table 50.
Absolute levels at HPL - HPR
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Output level
-6dB gain
Full scale digital input
707
2
-6
mVRMS
Vpp
dBFS
Max output power(1)
16
Ω load
VCCP > 3.2 V
40
mW
1.
In some operating conditions the maximum output power can be limited. See “
Section 9.1: Absolute maximum ratings” and
“loudspeaker driver” description from
Section 4.10: Analog output drivers for details.
Note: When 2.4 V < VCCA < 2.7 V, the values are reduced by 2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com