Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 18Page - STMicroelectronics STW5098T Datasheet HTML 19Page - STMicroelectronics STW5098T Datasheet HTML 20Page - STMicroelectronics STW5098T Datasheet HTML 21Page - STMicroelectronics STW5098T Datasheet HTML 22Page - STMicroelectronics STW5098T Datasheet HTML 23Page - STMicroelectronics STW5098T Datasheet HTML 24Page - STMicroelectronics STW5098T Datasheet HTML 25Page - STMicroelectronics STW5098T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
Functional description
STw5098
22/85
affects the interface format inverting the polarity of CK pin. Bit SYNCP (ADSYNCP and
DASYNCP) switches between delayed (SYNCP=0) and non delayed (SYNCP=1)
formats.
DSP format is suited to interface with a multi-channel serial port.
●
SPI format (DAFORM or ADFORM =100) in this format left and right data is received
with separate data burst. Every burst is identified with a low level on SYNC signal
(
Figure 10 on page 55). There is no timing difference between the left and right data
burst: the two channels are identified by the startup order: the first burst after AD path
or DA path power-up identifies the left channel data, the second one is the Right
channel data, then left and right data repeat one after the other. CK must have 16
periods per channel in case of 16 bit data word and 32 periods per channel in case of
18 bit to 32 bit data word.
The SPI interface can be configured as a single-channel (mono) interface with bit SPIM
(ADSPIM and DASPIM). The mono interface always exchanges the left channel
sample.
SPI-format can only be slave: if Master Mode is selected the CK and SYNC pins are set
to 0. Bit CKP (ADCKP and DACKP) affects the interface format inverting the polarity of
CK pin.
●
PCM format (DAFORM or ADFORM =111): this format is monophonic, as it can only
receive (DA) and transmit (AD) single channel data (
Figure 10 on page 55). It is mainly
used when voice filters are selected. If audio filters are used then the same sample is
sent from DA-PCM interface to both channel of DA path, and the left channel sample
from AD path is sent to AD-PCM interface. If in the AD path the right channel has to be
sent to the PCM interface then the following must be set: ADRTOL=1 (CR27) and
ENADCR=0 (CR1). In Master Mode the number of CK periods per SYNC period is
between 16 and 512 (see DAPCMF in CR22 and ADPCMF in CR25
Section 4.7 on
page 20 for details). Bit CKP (ADCKP and DACKP) affects the interface format
inverting the polarity of CK pin. Bit SYNCP (ADSYNCP and DASYNCP) switches
between delayed (SYNCP=0) and non delayed (SYNCP=1) formats.
4.9
Analog inputs
Each entity of the STw5098 has a stereo Microphone preamplifier and a stereo Line In
amplifier, with inputs selectable among 5: MIC (for Microphone preamplifiers only), LINEIN
(for Line In amplifiers only) and 3 different AUX inputs (for Microphone and Line In
amplifiers). The AUX inputs can be used simultaneously for Line In amplifiers and
Microphone preamplifiers.
The following description is for one entity, it is similar for the other entity.
●
Microphone preamplifier: it has a very low noise input, specifically designed for low
amplitude signals. For this reason the preamplifier has a high input gain (up to 39 dB)
keeping a constant 50 k
Ω input impedance for the whole gain range. However it can
also be used as line in preamplifier because it can accept a high dynamic input signal
(up to 4 Vpp). There are two separate gain and attenuation stages in order to improve
the S/N ratio when the preamplifier output range is below full scale (volume
control).The gain and attenuation controls are separate for left and right channel (CR3
and CR4 respectively). The Preamplifier input is selected with bits MICSEL in CR18,
and it is disconnected when MICMUTE=1. If a single ended input is selected then the
preamplifier uses the selected pin as the positive input and connects the negative input
(for both left and right channels) to CAPMIC pin, which has to be connected through a
capacitor to a low noise ground (typically the same reference ground of the input).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com