Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 73 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 69Page - STMicroelectronics STW5098T Datasheet HTML 70Page - STMicroelectronics STW5098T Datasheet HTML 71Page - STMicroelectronics STW5098T Datasheet HTML 72Page - STMicroelectronics STW5098T Datasheet HTML 73Page - STMicroelectronics STW5098T Datasheet HTML 74Page - STMicroelectronics STW5098T Datasheet HTML 75Page - STMicroelectronics STW5098T Datasheet HTML 76Page - STMicroelectronics STW5098T Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
STw5098
ADC (TX) & DAC (RX) specifications with voice filters selected
73/85
16
ADC (TX) & DAC (RX) specifications with voice filters
selected
Information included in this section applies to both entities.
Typical measures at VCCA=VCCP=VCCLS=2.7V; VCCIO=VCC=1.8V; Tamb=25° C;13MHz
AMCK
Table 56.
ADC (TX) & DAC (RX) specifications with voice filters selected
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TXDR
RXDR
Dynamic range
300Hz to 3.4kHz; 1kHz @ -60dBFS
TX Path, MIC input, 21dB gain
RX Path, LS Output, 0dB gain
86
83
89
86
dB
dB
TXSN
RXSN
Signal to noise ratio
300Hz to 3.4kHz; 1kHz @ 0dBFS
TX Path, MIC input, 21dB gain
RX Path, LS and EAR outputs, 0dB gain
88
86
dB
dB
THD
THD
1kHz @ 0dBFS
TX Path, MIC input, 21dB gain
RX Path, LS and EAR outputs, 0dB gain
<0.001
0.005
%
%
TXG
TX gain mask
f=60Hz
f=100Hz
f=200Hz
f=300Hz
f=400Hz-3000Hz
f=3400Hz
f=4000H
f=4600Hzz
f=8000Hz
-1.5
-0.5
-1.5
-30
-24
-6
0.5
0.5
0.0
-14
-35
-47
dB
dB
dB
dB
dB
dB
dB
dB
dB
RXG
RX gain mask
f=60Hz
f=100Hz
f=200Hz
f=300Hz
f=400Hz-3000Hz
f=3400Hz
f=4000Hz
f=5000Hz
-1.5
-0.5
-1.5
-20
-12
-2
0.5
0.5
0.0
-14
-50
dB
dB
dB
dB
dB
dB
dB
dB
RX out of band
noise
Measurement bandwidth 4kHz to
100kHz. Zero input signal
-85
dBr
Group delay
TX path
RX path
0.32
0.28
ms
ms
Note: When 2.4V<VCCA<2.7V, the values are reduced by 2dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com