Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 43 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 39Page - STMicroelectronics STW5098T Datasheet HTML 40Page - STMicroelectronics STW5098T Datasheet HTML 41Page - STMicroelectronics STW5098T Datasheet HTML 42Page - STMicroelectronics STW5098T Datasheet HTML 43Page - STMicroelectronics STW5098T Datasheet HTML 44Page - STMicroelectronics STW5098T Datasheet HTML 45Page - STMicroelectronics STW5098T Datasheet HTML 46Page - STMicroelectronics STW5098T Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 85 page
background image
STw5098
Control registers
43/85
5.7
Digital audio interfaces
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR26
(1Ah)
DAC data IF
control
X
DAFORM(2:0)
DASPIM
DAWL(2:0)
0000
0000
CR27
(1Bh)
ADC data IF
control
ADRTOL
ADFORM2:0)
ADSPIM
ADWL(2:0)
0000
0000
CR28
(1Ch)
DAC&ADC data
IF control
AMCKINV
DACKP
DASYNCP
DAMONO
ADCKP
AD
SYNCP
ADMONO
ADHIZ
0000
0000
Table 20.
CR26 description
Bits
Name
Value
CR26 Description
Def.
6-4
DAFORM(2:0)
000
001
010
011
100
111
DA audio interface format selection
Delayed format (I2S compatible)
Left aligned format
Right aligned format
DSP format
SPI format
PCM format (uses left channel)
000
3
DASPIM
1
0
DA interface in SPI mode receives one word for both channels
DA interface in SPI mode receives two words
(alternated, left channel first)
0
2-0
DAWL(2:0)
000
001
010
011
100
DA interface word length
16 bit
18 bit
20 bit
24 bit
32 bit
000
Table 21.
CR27 description
Bits
Name
Value
CR27 description
Def.
7ADRTOL
1
0
AD right channel sent to PCM I/F (must set ENADCR=0 in CR1)
Normal operation
0
6-4
ADFORM(2:0)
000
001
010
011
100
111
AD audio interface format selection
Delayed format (I2S compatible)
Left aligned format
Right aligned format
DSP format
SPI format
PCM format (sends out left channel)
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com