Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 35 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 31Page - STMicroelectronics STW5098T Datasheet HTML 32Page - STMicroelectronics STW5098T Datasheet HTML 33Page - STMicroelectronics STW5098T Datasheet HTML 34Page - STMicroelectronics STW5098T Datasheet HTML 35Page - STMicroelectronics STW5098T Datasheet HTML 36Page - STMicroelectronics STW5098T Datasheet HTML 37Page - STMicroelectronics STW5098T Datasheet HTML 38Page - STMicroelectronics STW5098T Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 85 page
background image
STw5098
Control registers
35/85
Table 11.
CR12 and CR13 description
Bits
Name CR12
Name CR13
Value
CR12 and CR13 description
Def.
5-0
ADCLG(5:0)
ACDRG(5:0)
000000
000001
000010
000011
000100
000101
000110
000111
001000
001001
001010
001011
001100
001101
001110
001111
010000
010001
010010
010011
010100
010101
010110
010111
011000
011001
011010
011011
011100
011101
011110
011111
100000
100001
100010
100011
100100
100101
100110
Left (CR12) and right (CR13) channels ADC digital gain
8.0 dB gain
7.0 dB gain
6.0 dB gain
5.0 dB gain
4.0 dB gain
3.0 dB gain
2.0 dB gain
1.0 dB gain
0.0 dB gain (default)
-1.0 dB gain
-2.0 dB gain
-3.0 dB gain
-4.0 dB gain
-5.0 dB gain
-6.0 dB gain
-7.0 dB gain
-8.0 dB gain
-9.0 dB gain
-10.0 dB gain
-11.0 dB gain
-12.0 dB gain
-14.0 dB gain
-16.0 dB gain
-18.0 dB gain
-20.0 dB gain
-22.0 dB gain
-24.0 dB gain
-26.0 dB gain
-28.0 dB gain
-30.0 dB gain
-33.0 dB gain
-36.0 dB gain
-39.0 dB gain
-42.0 dB gain
-45.0 dB gain
-48.0 dB gain
-51.0 dB gain
-57.0 dB gain
-
∞dB gain
001000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com