Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 75 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 71Page - STMicroelectronics STW5098T Datasheet HTML 72Page - STMicroelectronics STW5098T Datasheet HTML 73Page - STMicroelectronics STW5098T Datasheet HTML 74Page - STMicroelectronics STW5098T Datasheet HTML 75Page - STMicroelectronics STW5098T Datasheet HTML 76Page - STMicroelectronics STW5098T Datasheet HTML 77Page - STMicroelectronics STW5098T Datasheet HTML 78Page - STMicroelectronics STW5098T Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
STw5098
Typical performance plots
75/85
Figure 20.
ADC 96 kHz audio path measured
filter response
Figure 21.
ADC 96 kHz audio in-band
measured filter response
Figure 22.
ADC voice TX path measured filter
response
Figure 23.
ADC voice TX path measured in-
band filter response
Figure 24.
DAC voice (RX) digital filter
characteristics
Figure 25.
DAC voice (RX) in-band digital filter
characteristics
The plot is extended down to 5 Hz to show the high pass filter
implemented in the ADC 96 kHz sample rate,
96 kHz audio filter selected signal from Mic input
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
Frequency [Hz]
96 kHz sample rate,
96 kHz audio filter selected signal from Mic input.
-5
-4
-3
-2
-1
0
1
0
5k
10k 15k 20k 25k 30k 35k 40k 45k
Frequency [Hz]
8 kHz Sample rate, tx voice filter selected.
Signal from Mic input
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
Frequency [Hz]
8 kHz sample rate, tx voice filter selected signal from Mic input.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
500
1k
1500
2k
2500
3k
3500
4k
Frequency [Hz]
8 kHz sample rate, rx voice filter
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
Frequency [Hz]
8 kHz sample rate, rx voice filter
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
500
1k
1500
2k
2500
3k
3500
4k
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com