Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 16Page - STMicroelectronics STW5098T Datasheet HTML 17Page - STMicroelectronics STW5098T Datasheet HTML 18Page - STMicroelectronics STW5098T Datasheet HTML 19Page - STMicroelectronics STW5098T Datasheet HTML 20Page - STMicroelectronics STW5098T Datasheet HTML 21Page - STMicroelectronics STW5098T Datasheet HTML 22Page - STMicroelectronics STW5098T Datasheet HTML 23Page - STMicroelectronics STW5098T Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
Functional description
STw5098
20/85
Note that AMCK clock does not need to have any relation to any other digital or analog input
or output.
AMCK can be either a square wave or a sinewave, bit AMCKSIN in CR30 selects the proper
input mode. When a sinewave is used as input, AMCK pin must be decoupled with a
capacitor. Specification for sinusoid input can be found in
Section 10.2 on page 62.
The AMCK clock is not needed when only analog functions are used. For this purpose an
internal oscillator with no external components can be used to operate the device (see
Section 4.14 on page 25).
4.6
Data rates
STw5098 supports any data rate in 2 ranges: 8 kHz to 48 kHz and 88 kHz to 96 kHz. The
range is selected with bits DA96K and AD96K in CR29 for AD and DA paths respectively.
Note:
When AD96K=1 it is required to have DA96K=1.
The rates are fully independent in A/D and D/A paths. Moreover the rates do not have to be
specified to the device and they can change on the fly, within one range, while data is
flowing.
The 2 audio data interfaces (for A/D and D/A) can independently operate in master or slave
modes.
4.7
Clock generators and master mode function
STw5098 provides 4 internal clock generators that can drive, if needed, the audio interfaces
(master mode), and/or two independent master clocks.
The AMCK clock input frequency is internally raised via a PLL on each entity to obtain a
clock (MCK) in the range 32 MHz to 48 MHz. The ratio MCK/AMCK is defined in CR30 (see
MCKCOEFF in
Section 4.7 on page 20).
MCK is used to obtain, by fractional division, the oversampled clock (OCK), word clock
(SYNC) and bit clock (CK), that will therefore have edges aligned with MCK (the OCK period
can have jitter of 1 MCK period).
The frequency of OCK, SYNC and CK is set with DAOCKF in CR21/20 for DA interface, and
ADOCKF in CR24/23 for AD interface.
The ratio between OCK and SYNC clocks is selected with bit DAOCK512 in CR22 for DA
interface and bit ADOCK512 in CR25 for AD interface. The ratio between CK and SYNC
clocks depends on the selected interface format (see
Audio digital interfaces paragraph
below). Note that SPI format can only be slave.
The ADOCK and DAOCK output clocks are activated by bits ENADOCK and ENDAOCK
respectively, while master mode generation is activated with two bits: first ADMAST
(DAMAST) sets ADSYNC and ADCK (DASYNC and DACK) pins as outputs, then
ADMASTGEN (DAMASTGEN) generates the SYNC and CK clocks. The logical value at
SYNC and CK pins before data generation depends on the interface selected format.
See description of CR20 to CR25 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com