Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 26 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 22Page - STMicroelectronics STW5098T Datasheet HTML 23Page - STMicroelectronics STW5098T Datasheet HTML 24Page - STMicroelectronics STW5098T Datasheet HTML 25Page - STMicroelectronics STW5098T Datasheet HTML 26Page - STMicroelectronics STW5098T Datasheet HTML 27Page - STMicroelectronics STW5098T Datasheet HTML 28Page - STMicroelectronics STW5098T Datasheet HTML 29Page - STMicroelectronics STW5098T Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
Functional description
STw5098
26/85
Attack and Decay time constants are related to the AD data rate (see bits AGCATT and
AGCDEL in CR34).
4.16
Interrupt request: IRQ pins
On each entity of the STw5098, the interrupt request feature can signal to a control device
the occurrence of particular events on each entity. Two control registers are used to choose
the behavior of IRQ pin: the first is a Status/Event Register (CR32), where bits can
represent the status of an internal function (i.e. a voltage is above or below a threshold) or
an event (i.e. a voltage changed crossing a threshold); the second is a Mask Register
(CR31) where if a bit in the mask is set to 1 then the corresponding bit in the Status/Event
Register can affect IRQ pin status.
On each entity, the IRQ pin is always active low. At VCC power up an interrupt request is
generated by the Power-On-Reset circuit that sets to 1 bits PORMSK in CR31 and POREV
in CR32. After this event the PORMSK bit should be cleared by the user and bit IRQCMOS
in CR33 should be set according to the application (open drain or CMOS).
When an IRQ event occurs and SPI control interface is selected with no serial output pin it is
still possible to identify the event (and relative status) that generated the interrupt request.
This can be done by setting the IRQ mask/enable bits (in CR31) one at the time (with
successive writings) and reading the IRQ pin status. A simple example of this is the headset
plug-in detection: at first we set bit HSDETMSK=1 in CR31 (with all the other bits set to 0). If
there is an interrupt request then we set HSDETMSK=0 and HSDETEN=1, so we can read
the HSDET status at IRQ pin. Then we read CR32 to clear its content (even if no data is
sent out).
4.17
Headset plug-in and push-button detection
Each entity of the STw5098 can detect the plug-in of a microphone connector and the
press/release event of a call/answer push-button. An application example can be found
below, while specifications can be found in
Section 10.4 on page 64.
Figure 4.
Plug-in and push-button detection application note
Call/Answer Button
10
µF
1.5k
Ω
VCCA
3k
Ω
200nF
AUX1L
AUX1R
CAPMIC
HDET
200nF
STw5095
Generic Connector
From driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com