Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 28Page - STMicroelectronics STW5098T Datasheet HTML 29Page - STMicroelectronics STW5098T Datasheet HTML 30Page - STMicroelectronics STW5098T Datasheet HTML 31Page - STMicroelectronics STW5098T Datasheet HTML 32Page - STMicroelectronics STW5098T Datasheet HTML 33Page - STMicroelectronics STW5098T Datasheet HTML 34Page - STMicroelectronics STW5098T Datasheet HTML 35Page - STMicroelectronics STW5098T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
Control registers
STw5098
32/85
5.3
Gains
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR3
(03h)
Mic gain left
MICLA(2:0)
MICLG(4:0)
0000
0000
CR4
(04h)
Mic gain right
MICRA(2:0)
MICRG(4:0)
0000
0000
CR5
(05h)
Line in gain left
XX
X
LINLG(4:0)
0000
1001
CR6
(06h)
Line in gain right
X
X
X
LINRG(4:0)
0000
1001
CR7
(07h)
LO gain & LS
gain
X
LOG(2:0)
LSG(3:0)
0000
0011
CR8
(08h)
HPL gain
XX
X
HPLG(4:0)
0000
0011
CR9
(09h)
HPR gain
XX
X
HPRG(4:0)
0000
0011
CR10
(0Ah)
DAC digital gain
left
X
X
DACLG(5:0)
0000
0000
CR11
(0Bh)
DAC digital gain
right
X
X
DACRG(5:0)
0000
0000
CR12
(0Ch)
ADC digital gain
left
X
X
ADCLG(5:0)
0000
1000
CR13
(0Dh)
ADC digital gain
right
X
X
ADCRG(5:0)
0000
1000
Table 6.
CR3 and CR4 description
Bits
Name CR3
Name CR4
Value
CR3 and CR4 description
Def.
7-5
MICLA(2:0)
MICRA(2:0)
000
001
010
...
110
111
Left (CR3) and right (CR4) channels microphone attenuation
0.0 dB gain (default)
-1.5 dB gain
-3.0 dB gain
...step 1.5 dB
-9.0 dB gain
-12.0 dB gain
000
4-0
MICLG(4:0)
MICRG(4:0)
00000
00001
00010
...
11010
Left (CR3) and right (CR4) channels microphone gain
0.0 dB gain (default)
1.5 dB gain
3.0 dB gain
...step 1.5 dB
39.0 dB gain
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com