Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 20Page - STMicroelectronics STW5098T Datasheet HTML 21Page - STMicroelectronics STW5098T Datasheet HTML 22Page - STMicroelectronics STW5098T Datasheet HTML 23Page - STMicroelectronics STW5098T Datasheet HTML 24Page - STMicroelectronics STW5098T Datasheet HTML 25Page - STMicroelectronics STW5098T Datasheet HTML 26Page - STMicroelectronics STW5098T Datasheet HTML 27Page - STMicroelectronics STW5098T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
Functional description
STw5098
24/85
●
Loudspeaker driver (one entity only): it is a monophonic differential output. It can
drive 8
Ω resistive load and deliver up to 500 mW to the load. The output gain is
regulated with LSG bits in CR7, in the range -24 to +6 dB. The input signal of the
loudspeaker driver comes from the analog mixers: bits LSSEL in CR29 select left
channel, right channel, (L+R)/2 (mono) or mute. The output common mode voltage is
obtained with an internal voltage divider from VCCLS and it is connected to CAPLS pin.
The supply voltage of the loudspeaker driver is VCCLS.
The loudspeaker driver is powered up with bit ENLS in CR2.The output pin is in high
impedance state when the loudspeaker driver is powered down.
Note:
1
Together with the LS driver, only a second power output is allowed among:
Ear (1EARP - 1EARN)
Headphones 1 (1HPL and 1HPR)
Headphones 2 (2HPL and 2HPR)
●
Earphone driver (one entity only): it is a monophonic differential output. It can drive
32
Ω resistive load and deliver up to 125 mW to the load. The output gain is regulated
with EARG bits in CR7, in the range -24 to +6 dB. The input signal of the loudspeaker
driver comes from the analog mixers: bits EARSEL in CR29 select left channel, right
channel, (L+R)/2 (mono) or mute. The output Common Mode Voltage is obtained with
an internal voltage divider from VCCLS and it is connected to CAPEAR pin. The supply
voltage of the loudspeaker driver is VCCLS.
The loudspeaker driver is powered up with bit ENEAR in CR2.The output pin is in high
impedance state when the loudspeaker driver is powered down.
Note:
Note on direct connection of VCCLS to the battery:
The voltage of batteries of handheld devices during charging is usually below 5.5 V, making
VCCLS supply pin suitable for a direct connection to the battery. In this case if STw5098 is
delivering the maximum power to the load and the ambient temperature is above 70 °C then
the simultaneous charging of the battery can overheat the device. A basic protection
scheme is implemented in STw5098 (activated with bit LSLIM in CR19): it limits the
maximum gain of the loudspeaker to -6 dB when VCCLS is above 4.2 V, and it removes the
limit for VCCLS below 4.0 V. The loudspeaker gain is left unchanged if it is set below -6 dB
with bits LSG. This event (VCCLS > 4.2 V) can generate, if enabled (bit VLSMSK in CR31),
an IRQ signal.
4.11
Analog mixers
STw5098 can send to the output drivers the sum of stereo audio signals from 3 different
sources of each entity: DA path (bit MIXDAC in CR17), Microphone Preamplifiers (bit
MIXMIC in CR17) and Line In Amplifiers (bit MIXLIN in CR17). The analog mixers do not
have a gain control on the inputs, therefore the user should reduce the levels of the input
signals within the analog signal range.
The stereo analog mixers are powered up with bits ENMIXL and ENMIXR in CR2.
4.12
AD paths
In each entity the AD path converts audio signals from Microphone Preamplifiers (selected
with bit ADMIC in CR17) and Line In Amplifiers (bit ADLIN in CR17) inputs to digital domain.
If both inputs are selected then the sum of the two is converted. After AD conversion the
audio data is resampled with a sample rate converter and then processed with the internal
DSP. Two different filters are selectable in the DSP (bit ADVOICE in CR29): stereo Audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com