Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098T Datasheet(PDF) 80 Page - STMicroelectronics

Part # STW5098T
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098T Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STW5098T Datasheet HTML 76Page - STMicroelectronics STW5098T Datasheet HTML 77Page - STMicroelectronics STW5098T Datasheet HTML 78Page - STMicroelectronics STW5098T Datasheet HTML 79Page - STMicroelectronics STW5098T Datasheet HTML 80Page - STMicroelectronics STW5098T Datasheet HTML 81Page - STMicroelectronics STW5098T Datasheet HTML 82Page - STMicroelectronics STW5098T Datasheet HTML 83Page - STMicroelectronics STW5098T Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
Package mechanical data
STw5098
80/85
18.2
VFBGA 5x5x1.0
Note:
1
VFBGA stands for Very thin Profile Fine Pitch Ball Grid Array.
The maximum total package height is calculated by the following methodology:
.
Very thin profile:
Max/Fine pitch: e<1.0 mm
2
The typical ball diameter before mounting is 0.25 mm
3
VFBGA with 0.40mm ball pitch is not yet registered into JEDEC publications.
4
The tolerance of position that controls the location of the pattern of balls with respect to
datum A and B. For each ball there is a cylindrical tolerance zone eee perpendicular to
datum C and located on true position with respect to datum A and B as defined by e. The
axis perpendicular to datum C of each ball must lie within this tolerance zone.
5
The tolerance of position that controls the location of the balls within the matrix with respect
to each other. For each ball there is a cylindrical tolerance zone fff perpendicular to datum C
and located on true position as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone. Each tolerance zone fff in the array is contained entirely
in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
6
The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink
or metallized markings, or other feature of package body or integral heatslug. A
distinguishing feature is allowable on the bottom surface of the package to identify the
terminal A1 corner. Exact shape of each corner is optional.
Table 58.
Dimensions of VFBGA 5x5x1.0 112 balls 0.4 mm pitch
Reference
Databook (mm)
Drawing (mm)
Notes
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.00
0.99
Note 1
A1
0.125
0.125
0.165
0.205
A2
0.765
0.71
0.765
0.82
A3
0.18
0.14
0.18
0.22
A4
0.60
0.57
0.585
0.60
b
0.22
0.26
0.30
0.22
0.26
0.30
Note 2
D
4.95
5.00
5.05
4.95
5.00
5.05
D1
4.00
4.00
E
4.95
5.00
5.05
4.95
5.00
5.05
E1
4.00
4.00
e0.40
0.40
Note 3
F0.50
0.50
ddd
0.08
0.08
eee
0.13
0.13
Note 4
fff
0.04
0.04
Note 5
A2Typ
A1Typ
A
( 1
2
A3
2
A4
2
+
+
tolerancevalues
)
+
+
0.80mm
A 1.00mm
≤
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com