Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 8Page - STMicroelectronics STW81101 Datasheet HTML 9Page - STMicroelectronics STW81101 Datasheet HTML 10Page - STMicroelectronics STW81101 Datasheet HTML 11Page - STMicroelectronics STW81101 Datasheet HTML 12Page - STMicroelectronics STW81101 Datasheet HTML 13Page - STMicroelectronics STW81101 Datasheet HTML 14Page - STMicroelectronics STW81101 Datasheet HTML 15Page - STMicroelectronics STW81101 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Electrical specifications
STW81101
12/48
2.5
Phase noise specification
Table 6.
Phase noise specification
Parameter
Test conditions
Min
Typ
Max
Unit
Phase noise performance(1)
Inband phase noise floor – closed loop(2)
Normalized inband phase noise
floor
ICP=4mA, PLL BW = 50kHz;
including reference clock
contribution
-222
dBc/Hz
Inband phase noise floor
direct output
ICP=4mA, PLL BW = 50kHz;
including reference clock
contribution
-222+20log(N)+10log(FPFD)dBc/Hz
Inband phase noise floor
divider by 2
-228+20log(N)+10log(F
PFD)dBc/Hz
Inband phase noise floor
divider by 4
-234+20log(N)+10log(FPFD)dBc/Hz
PLL integrated phase noise – direct output
Integrated phase noise
100Hz to 40MHz
FOUT = 4 GHz,
FPFD = 200kHz, FSTEP =200 kHz,
PLL BW = 15kHz, ICP=4mA
-36
dBc
1.3
° rms
PLL integrated phase noise – divider by 2
Integrated phase noise
100Hz to 40MHz
FOUT = 2 GHz,
FPFD = 400kHz, FSTEP =200 kHz,
PLL BW = 25kHz, ICP=3mA
-43
dBc
0.55
° rms
PLL integrated phase noise – divider by 4
Integrated phase noise
100Hz to 40MHz
FOUT = 1 GHz,
FPFD = 800kHz, FSTEP =200 kHz,
PLL BW = 25kHz, ICP=1.5mA
-51
dBc
0.23
° rms
VCO A direct (3300MHz-3900MHz) – open loop(3)
Phase noise @ 1 kHz
-56
dBc/Hz
Phase noise @ 10 kHz
-83
dBc/Hz
Phase noise @ 100 kHz
-106
dBc/Hz
Phase noise @ 1 MHz
-129
dBc/Hz
Phase Noise @ 10 MHz
-149
dBc/Hz
Phase Noise @ 40 MHz
-159
dBc/Hz
VCO B direct (3800MHz-4400MHz) – open loop(3)
Phase noise @ 1 kHz
-55
dBc/Hz
Phase noise @ 10 kHz
-83
dBc/Hz
Phase noise @ 100 kHz
-106
dBc/Hz
Phase noise @ 1 MHz
-128
dBc/Hz
Phase noise @ 10 MHz
-148
dBc/Hz
Phase noise @ 40 MHz
-158
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com