Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 29Page - STMicroelectronics STW81101 Datasheet HTML 30Page - STMicroelectronics STW81101 Datasheet HTML 31Page - STMicroelectronics STW81101 Datasheet HTML 32Page - STMicroelectronics STW81101 Datasheet HTML 33Page - STMicroelectronics STW81101 Datasheet HTML 34Page - STMicroelectronics STW81101 Datasheet HTML 35Page - STMicroelectronics STW81101 Datasheet HTML 36Page - STMicroelectronics STW81101 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
STW81101
SPI digital interface
33/48
7
SPI digital interface
7.1
General features
The SPI digital interface is selected by hardware connection of the pin #21 (DBUS_SEL) to
3.3V.
The STW81101 IC is programmed by means of a high-speed serial-to-parallel interface with
write option only. The 3-wire bus can be clocked at a frequency as high as 100MHz to allow
fast programming of the registers containing the data for RF IC configuration.
The chip is programmed through serial words with a full length of 26 bits. The first 2 MSBs
represent the address of the registers, and the 24 LSBs represent the value of the registers.
Each data bit is stored in the internal shift register on the rising edge of the CLOCK signal.
The outputs of the selected register are sent to the device on the rising edge of the LOAD
signal.
Figure 26.
SPI input and output bit order
Last bit sent
(LSB)0
2
23
24
25(MSB)
A1
LOAD #4
Address
decoder
1
DATA
LOAD
Reg.#4
Reg.#1
Reg.#0
D23 (MSB)
D0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com