Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 11Page - STMicroelectronics STW81101 Datasheet HTML 12Page - STMicroelectronics STW81101 Datasheet HTML 13Page - STMicroelectronics STW81101 Datasheet HTML 14Page - STMicroelectronics STW81101 Datasheet HTML 15Page - STMicroelectronics STW81101 Datasheet HTML 16Page - STMicroelectronics STW81101 Datasheet HTML 17Page - STMicroelectronics STW81101 Datasheet HTML 18Page - STMicroelectronics STW81101 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
STW81101
Typical performance characteristics
15/48
Figure 7.
VCO A (div. by 2 output) closed
loop phase noise at 1.8GHz
(FSTEP=200kHz; FPFD=400kHz;
ICP=2mA)
Figure 8.
VCO B (div. by 2 output) closed
loop phase noise at 2.0GHz
(FSTEP=200kHz; FPFD=400kHz;
ICP=3mA)
0.53° rms
0.55°rms
Figure 9.
VCO A (div. by 4 output) closed
loop phase noise at 900MHz
(FSTEP=200kHz; FPFD=800kHz;
ICP=1.5mA)
Figure 10.
VCO B (div. by 4 output) closed
loop phase noise at 1.0GHz
(FSTEP=200kHz; FPFD=800kHz;
ICP=1.5mA
0.24° rms
0.23°rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com