Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 36Page - STMicroelectronics STW81101 Datasheet HTML 37Page - STMicroelectronics STW81101 Datasheet HTML 38Page - STMicroelectronics STW81101 Datasheet HTML 39Page - STMicroelectronics STW81101 Datasheet HTML 40Page - STMicroelectronics STW81101 Datasheet HTML 41Page - STMicroelectronics STW81101 Datasheet HTML 42Page - STMicroelectronics STW81101 Datasheet HTML 43Page - STMicroelectronics STW81101 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Application information
STW81101
40/48
Figure 30.
Evaluation board (EVB4G) matching network (MATCH_EVB4G.dsn)
For differential to single conversion, the 50 to 100
Ω Johanson balun is recommended
(3700BL15B100).
8.2
Divided by 2 output
If your application does not require a balanced to unbalanced conversion, the output
matching reduces to the simple circuit shown below (
Figure 31), which illustrates a
differential to single-ended output network in the 1.65 - 2.2GHz range
(MATCH_LC_LUMP_2G_DIFF.dsn). You can easily use this solution to provide one single-
ended output that terminates the other output at 50
Ω with a 3dB power loss.
Figure 31.
Differential/single-ended output network
(MATCH_LC_LUMP_2G_DIFF.dsn)
1pF
1pF
1.2pF
1.2pF
4.7pF
12pF
RF
50 ohm
50 ohm
50 ohm
5.5nH
5.5nH
12pF
2:1
12pF
Vcc
Vcc
OUTP
RF
OUTN
RF
50 ohm
50 ohm
50 ohm
22nH
22nH
10pF
50 ohm
10pF
Vcc
Vcc
OUTP
RF
OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com