Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 37Page - STMicroelectronics STW81101 Datasheet HTML 38Page - STMicroelectronics STW81101 Datasheet HTML 39Page - STMicroelectronics STW81101 Datasheet HTML 40Page - STMicroelectronics STW81101 Datasheet HTML 41Page - STMicroelectronics STW81101 Datasheet HTML 42Page - STMicroelectronics STW81101 Datasheet HTML 43Page - STMicroelectronics STW81101 Datasheet HTML 44Page - STMicroelectronics STW81101 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
STW81101
Application information
41/48
A first solution to combine the differential outputs is the lumped LC type balun tuned in the
2GHz band (
Figure 32).
Figure 32.
LC lumped balun for divided by 2 output (MATCH_LC_LUMP_2G.dsn)
The same recommendation for the SMD components also applies to the divided by 2 output.
Another topology suited to combining the two outputs for the divided by 2 frequencies is
represented in
Figure 33.
Figure 33.
Evaluation board (EVB2G) matching network (MATCH_EVB2G.dsn)
RF
50 ohm
50 ohm
50 ohm
2.7nH
2.7nH
2pF
2pF
2.7nH
2.7nH
3nH
2pF
2pF
3pF
Vcc
Vcc
OUTP
RF
OUTN
1.2pF
22pF
RF
50 ohm
50 ohm
50 ohm
5.5nH
1.9nH
5.5nH
22pF
2:1
22pF
Vcc
Vcc
OUTP
RF
OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com