Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 39Page - STMicroelectronics STW81101 Datasheet HTML 40Page - STMicroelectronics STW81101 Datasheet HTML 41Page - STMicroelectronics STW81101 Datasheet HTML 42Page - STMicroelectronics STW81101 Datasheet HTML 43Page - STMicroelectronics STW81101 Datasheet HTML 44Page - STMicroelectronics STW81101 Datasheet HTML 45Page - STMicroelectronics STW81101 Datasheet HTML 46Page - STMicroelectronics STW81101 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
STW81101
Application information
43/48
Figure 35.
Evaluation board (EVB1G) matching network (MATCH_EVB1G.dsn)
8.4
Evaluation kit
An evaluation kit can be delivered upon request, including the following:
●
Evaluation board
●
GUI (graphical user interface) to program the device
●
Measured S parameters of the RF output
●
ADS2005 schematics providing guidelines for application board design
●
STWPLLSim software for PLL loop filter design and noise simulation
Three different evaluation kits are available, each optimized for one of the following
frequency ranges:
●
1GHz
●
2GHz
●
4GHz
When ordering, please specify one of the following order codes:
The three evaluation kits differ only for the output stage network and can be adapted from
one frequency band variant to a different one replacing properly the matching components
and the balun.
0.5pF
22pF
RF
25 ohm
50 ohm
25 ohm
18nH
2.1nH
18nH
8.2pF
1:1
8.2pF
Vcc
Vcc
OUTP
RF
OUTN
Table 23.
Order code of the evaluation kit
Part number
Description
STW81101-EVB1G
1GHz frequency range - divider by 4 output optimized
STW81101-EVB2G
2GHz frequency range - divider by 2 output optimized
STW81101-EVB4G
4GHz frequency range - direct output optimized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com