Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 20Page - STMicroelectronics STW81101 Datasheet HTML 21Page - STMicroelectronics STW81101 Datasheet HTML 22Page - STMicroelectronics STW81101 Datasheet HTML 23Page - STMicroelectronics STW81101 Datasheet HTML 24Page - STMicroelectronics STW81101 Datasheet HTML 25Page - STMicroelectronics STW81101 Datasheet HTML 26Page - STMicroelectronics STW81101 Datasheet HTML 27Page - STMicroelectronics STW81101 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
I2C bus interface
STW81101
24/48
6
I2C bus interface
The I2C bus interface is selected by hardware connection of the pin #21 (DBUS_SEL) to 0 V.
Data is transmitted from microprocessor to the STW81101 through the 2-wire (SDA and
SCL) I2C bus interface. The STW81101 is always a slave device.
The I2C bus protocol defines any device that sends data on the bus as a transmitter, and
any device that reads the data as a receiver. The device controlling the data transfer is the
master, and the others are slaves. The master always initiates the transfer and provides the
serial clock for synchronization.
6.1
General features
6.1.1
Data validity
Data changes on the SDA line must only occur when the SCL is low. SDA transitions while
the clock is high are used to identify a START or STOP condition.
Figure 20.
Data validity
6.1.2
START and STOP conditions
START condition
A START condition is identified by a transition of the data bus SDA from high to low while the
clock signal SCL is stable in the high state. A START condition must precede any data
transfer command.
STOP condition
A STOP condition is identified by a transition of the data bus SDA from low to high while the
clock signal SCL is stable in the high state. A STOP condition terminates communications
between the STW81101 and the bus master.
PC00406
SDA
SCL
Data line
Change
Stable data
data
Valid
allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com