Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 19Page - STMicroelectronics STW81101 Datasheet HTML 20Page - STMicroelectronics STW81101 Datasheet HTML 21Page - STMicroelectronics STW81101 Datasheet HTML 22Page - STMicroelectronics STW81101 Datasheet HTML 23Page - STMicroelectronics STW81101 Datasheet HTML 24Page - STMicroelectronics STW81101 Datasheet HTML 25Page - STMicroelectronics STW81101 Datasheet HTML 26Page - STMicroelectronics STW81101 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
STW81101
Circuit description
23/48
The SERCAL bit should be set to 1 at each division ratio change. Note that to reset the auto
calibrator state machine after a power-up, and before the first calibration in any case, the
INITCAL bit should be set to 1 and back to 0 (the Power On Reset circuitry does this
automatically). The calibration requires approximately 7 periods of the PFD frequency.
The maximum allowed FPFD to perform the calibration process is 1 MHz. When using a
higher FPFD , follow the steps below:
1.
Calibrate the VCO at the desired frequency with an FPFD less than 1 MHz.
2.
Set the A, B and R dividers ratio for the desired FPFD .
5.8.3
VCO voltage amplitude control
The voltage swing of the VCOs can be adjusted over four levels by means of two dedicated
programming bits (PLL_A1 and PLL_A0). This setting trades current consumption with
phase noise performances of the VCO. Higher amplitudes provide best phase noise,
whereas lower amplitudes save power.
Table 8 gives the voltage swing level expected on the resonator nodes, the current
consumption, and the phase noise @1MHz.
Table 8.
VCO A performances versus amplitude setting (Freq=3.6GHz)
PLL_A[1:0]
Differential
voltage swing (Vp)
Current
consumption (mA)
PN @1MHz (dBc/Hz)
00
1.1
15
-124
01
1.3
16
-125
10
1.9
24
-128.5
11
2.1
27
-129
Table 9.
VCO B performances vs. amplitude setting (Freq=4.1GHz)
PLL_A[1:0]
Differential
voltage swing (Vp)
Current
consumption (mA)
PN @1MHz (dBc/Hz)
00
1.1
13
-123
01
1.3
15
-125
10
1.9
22
-127.5
11
2.1
24
-128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com