Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 40Page - STMicroelectronics STW81101 Datasheet HTML 41Page - STMicroelectronics STW81101 Datasheet HTML 42Page - STMicroelectronics STW81101 Datasheet HTML 43Page - STMicroelectronics STW81101 Datasheet HTML 44Page - STMicroelectronics STW81101 Datasheet HTML 45Page - STMicroelectronics STW81101 Datasheet HTML 46Page - STMicroelectronics STW81101 Datasheet HTML 47Page - STMicroelectronics STW81101 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
Application diagram
STW81101
44/48
9
Application diagram
Figure 36.
Application diagram
Note:
1
See Chapter 8: Application information for further information on output matching topology.
2
EXT_PD, ADD2, ADD1 (and ADD0 when the I2C bus is selected) can be hard wired directly
on the board.
3
Loop filter values are for FSTEP = 200kHz.
VDD_VCOA
DBUS_SEL
VDD_DIV2
VDD_OUTBUF
OUTBUFP
OUTBUFN
VDD_DIV4
VDD_VCOB
VDD_BUFVCO
EXTVCO_INP
EXTVCO_INN
VDD_PLL
REF_CLK
TEST2
10
22
p
1
n
10
22p
1n
270p
68p
2.7n
10µ
22p
1n
51
1.8n
STW81103
From/to microcontroller
to microcontroller
loop filter
VDD1
RF Out
ref clk
VDD1
VDD1
VDD1
VDD1
VDD
2
10
22p
1n
I2C
SPI
100
100
15p
15p
100
15p
4.7K
8.2K
2.2K
STW81101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com