Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 13Page - STMicroelectronics STW81101 Datasheet HTML 14Page - STMicroelectronics STW81101 Datasheet HTML 15Page - STMicroelectronics STW81101 Datasheet HTML 16Page - STMicroelectronics STW81101 Datasheet HTML 17Page - STMicroelectronics STW81101 Datasheet HTML 18Page - STMicroelectronics STW81101 Datasheet HTML 19Page - STMicroelectronics STW81101 Datasheet HTML 20Page - STMicroelectronics STW81101 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
STW81101
General description
17/48
4
General description
Figure 1: Block diagram shows the separate blocks that, when integrated, form an Integer-N
PLL frequency synthesizer.
The STW81101 consists of two internal low-noise VCOs with buffer blocks, a divider by 2, a
divider by 4, a low-noise PFD (phase frequency detector), a precise charge pump, a 10-bit
programmable reference divider, two programmable counters and a programmable dual-
modulus prescaler. The 5-bit A-counter and 12-bit B-counter, in conjunction with the dual
modulus prescaler P/P+1 (16/17 or 19/20), implement an N integer divider, where N = B*P
+A. The division ratio of both reference and VCO dividers is controlled through the selected
digital interface (I2C bus or SPI).
The selection of the digital interface type is done by the proper hardware connection of the
pin DBUS_SEL (0 V for I2C bus, 3.3 V for SPI).
All devices operate with a power supply of 3.3 V and can be powered down when not in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com