Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81101 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW81101 Datasheet HTML 26Page - STMicroelectronics STW81101 Datasheet HTML 27Page - STMicroelectronics STW81101 Datasheet HTML 28Page - STMicroelectronics STW81101 Datasheet HTML 29Page - STMicroelectronics STW81101 Datasheet HTML 30Page - STMicroelectronics STW81101 Datasheet HTML 31Page - STMicroelectronics STW81101 Datasheet HTML 32Page - STMicroelectronics STW81101 Datasheet HTML 33Page - STMicroelectronics STW81101 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
I2C bus interface
STW81101
30/48
B_COUNTER
B[10:3]. Counter value (bit B11 in the previous register, bits B[2:0] in the next register)
A_COUNTER
Bits B[2:0] for B_COUNTER, A_COUNTER value.
REF_DIVIDER
Reference clock divider ratio R[9:1] (bits R1, R0 in the next register).
CONTROL
The CONTROL register is used to set the charge pump current, the VCO output voltage
amplitude and the prescaler modulus:
The LO output frequency is programmed by setting the proper values for A, B and R
according to the following formula:
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
B10
B9B8B7
B6B5B4
B3
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
B2
B1
B0
A4
A3
A2
A1
A0
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
R9
R8
R7
R6
R5
R4
R3
R2
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
R1
R0
PLL_A1
PLL_A0
CPSEL2
CPSEL1
CPSEL0
PSC_SEL
PLL_A[1:0]:
VCO amplitude
CPSEL[2:0]:
charge pump output current
PSC_SEL:
prescaler modulus select ('0' for P=16, '1' for P=19)
where
DR equals
{
1
for direct output
0.5
for output divided by 2
0.25 for output divided by 4
F
OUT
D
R
BP
A
+
×
()
×
F
REF
CLK
–
R
-----------------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com