Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 66Page - STMicroelectronics ST7LITEUSX Datasheet HTML 67Page - STMicroelectronics ST7LITEUSX Datasheet HTML 68Page - STMicroelectronics ST7LITEUSX Datasheet HTML 69Page - STMicroelectronics ST7LITEUSX Datasheet HTML 70Page - STMicroelectronics ST7LITEUSX Datasheet HTML 71Page - STMicroelectronics ST7LITEUSX Datasheet HTML 72Page - STMicroelectronics ST7LITEUSX Datasheet HTML 73Page - STMicroelectronics ST7LITEUSX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
ST7LITEUSx
70/108
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
TA = -40 to 125°C, unless otherwise specified
Notes:
1. Not tested in production.
2. Not tested in production. The VDD rise time rate condition is needed to ensure a correct device power-on and LVD reset
release. When the VDD slope is outside these values, the LVD may not release properly the reset of the MCU.
3. LVD and AVD high thresholds must not be selected at the same time.
4. Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the application, it is
recommended to pull VDD down to 0V to ensure optimum restart conditions. Refer to circuit example in Figure 62 on page
87.
12.3.3 Auxiliary Voltage Detector (AVD) Thresholds
TA = -40 to 125°C, unless otherwise specified
Notes:
1. LVD and AVD high thresholds must not be selected at the same time.
2. Not tested in production, guaranteed by characterization.
Note: Refer to section 7.4.2.1 on page 29
Symbol
Parameter
Conditions 3)
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
3.50
3.30
2.50
4.00
3.70
2.65
4.50
4.30
3.30
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.30
3.20
2.40
3.80
3.50
2.70
4.40
4.20
3.20
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
150
mV
VtPOR
VDD rise time rate
2) 4)
20
-
µs/V
IDD(LVD)
1)
LVD/AVD current consumption
VDD = 5V
220
µA
Symbol
Parameter
Conditions 1)
Min 2)
Typ 2)
Max 2)
Unit
VIT+(AVD)
1=>0 AVDF flag toggle threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
3.50
3.30
2.50
4.10
3.90
3.00
4.80
4.60
3.50
V
VIT-(AVD)
0=>1 AVDF flag toggle threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.40
3.20
2.40
4.00
3.80
2.90
4.70
4.50
3.40
Vhys
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
100
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activation
VDD fall
0.45
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com