Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 70Page - STMicroelectronics ST7LITEUSX Datasheet HTML 71Page - STMicroelectronics ST7LITEUSX Datasheet HTML 72Page - STMicroelectronics ST7LITEUSX Datasheet HTML 73Page - STMicroelectronics ST7LITEUSX Datasheet HTML 74Page - STMicroelectronics ST7LITEUSX Datasheet HTML 75Page - STMicroelectronics ST7LITEUSX Datasheet HTML 76Page - STMicroelectronics ST7LITEUSX Datasheet HTML 77Page - STMicroelectronics ST7LITEUSX Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
ST7LITEUSx
74/108
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 42. Typical IDD in run mode vs. fCPU
Figure 43. Typical IDD in slow mode vs. fCPU
Figure 44. Typical IDD in wait mode vs. fCPU
Figure 45. Typical IDD in slow-wait mode
vs. fCPU
Figure 46. Typical IDD vs. temperature
at VDD = 5V and fCPU = 8MHz
0.00
1.00
2.00
3.00
4.00
5.00
6.00
2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6 5.8
Vdd [V]
2MHz
4MHZ
8MHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6 5.8
Vdd [V]
2MHz
4MHZ
8MHz
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.4 2.6 2.8 3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6 5.8
Vdd [V]
2MHz
4MHZ
8MHz
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
2.4 2.6 2.8
3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6 4.8
5
5.2 5.4 5.6 5.8
Vdd [V]
2MHz
4MHZ
8MHz
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
-45
25
90
Vdd [V]
RUN
WAIT
SLOW
SLOWWAIT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com