Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 88Page - STMicroelectronics ST7LITEUSX Datasheet HTML 89Page - STMicroelectronics ST7LITEUSX Datasheet HTML 90Page - STMicroelectronics ST7LITEUSX Datasheet HTML 91Page - STMicroelectronics ST7LITEUSX Datasheet HTML 92Page - STMicroelectronics ST7LITEUSX Datasheet HTML 93Page - STMicroelectronics ST7LITEUSX Datasheet HTML 94Page - STMicroelectronics ST7LITEUSX Datasheet HTML 95Page - STMicroelectronics ST7LITEUSX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
ST7LITEUSx
92/108
PACKAGE CHARACTERISTICS (Cont’d)
Figure 67. 8-Pin Plastic Small Outline Package, 150-mil Width
Figure 68. 8-Pin Plastic Dual In-Line Package, 300-mil Width
Dim.
mm
inches1)
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75 0.053
0.069
A1
0.10
0.25 0.004
0.010
A2
1.10
1.65 0.043
0.065
B
0.33
0.51 0.013
0.020
C
0.19
0.25 0.007
0.010
D
4.80
5.00 0.189
0.197
E
3.80
4.00 0.150
0.158
e
1.27
0.050
H
5.80
6.20 0.228
0.244
h
0.25
0.50 0.010
0.020
α
0d
8d
L
0.40
1.27 0.016
0.050
Number of Pins
N
8
Note 1. Values in inches are converted from
mm and rounded to 3 decimal digits.
D
B
A1
A
h x 45°
A2
H
E
e
L
C
α
Dim.
mm
inches1)
Min
Typ
Max
Min
Typ
Max
A
5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95 0.115 0.130 0.195
b
0.36
0.46
0.56 0.014 0.018 0.022
b2
1.14
1.52
1.78 0.045 0.060 0.070
b3
0.76
0.99
1.14 0.030 0.039 0.045
c
0.20
0.25
0.36 0.008 0.010 0.014
D
9.02
9.27 10.16 0.355 0.365 0.400
D1
0.13
0.005
e
2.54
0.100
eB
10.92
0.430
E
7.62
7.87
8.26 0.300 0.310 0.325
E1
6.10
6.35
7.11 0.240 0.250 0.280
L
2.92
3.30
3.81 0.115 0.130 0.150
Number of Pins
N
8
Note 1. Values in inches are converted from
mm and rounded to 3 decimal digits.
8
1
4
A
L
b2
e
D
b
D1
E1
b3
eB
5
A2
E
c
A1
D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com