Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 78Page - STMicroelectronics ST7LITEUSX Datasheet HTML 79Page - STMicroelectronics ST7LITEUSX Datasheet HTML 80Page - STMicroelectronics ST7LITEUSX Datasheet HTML 81Page - STMicroelectronics ST7LITEUSX Datasheet HTML 82Page - STMicroelectronics ST7LITEUSX Datasheet HTML 83Page - STMicroelectronics ST7LITEUSX Datasheet HTML 84Page - STMicroelectronics ST7LITEUSX Datasheet HTML 85Page - STMicroelectronics ST7LITEUSX Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
ST7LITEUSx
82/108
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 48. Typical IPU vs. VDD with VIN=VSS
l
12.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 12.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD. True open drain I/O pins do not have VOH.
3. Not tested in production, based on characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for PA3/RESET standard
I/O pin (see Figure 51)
IIO=+5mA,TA≤125°C
1200
mV
IIO=+2mA,TA≤125°C
400
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 54)
IIO=+20mA,
TA≤125°C
1300
IIO=+8mA,TA≤125°C
750
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 58)
IIO=-5mA,TA≤125°C
VDD-1500
IIO=-2mA,TA≤125°C
VDD-800
VOL
1)3)
Output low level voltage for PA3/RESET standard
I/O pin
(see Figure 50)
IIO=+2mA,TA≤125°C
250
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 53)
IIO=+2mA,TA≤125°C
150
IIO=+8mA,TA≤125°C
500
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 56)
IIO=-2mA,TA≤125°C
VDD-800
VOL
1)3)
Output low level voltage for PA3/RESET standard
I/O pin (see Figure 49)
IIO=+2mA,TA≤125°C
500
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 52)
IIO=+2mA,TA≤125°C
200
IIO=+8mA,TA≤125°C
600
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 55)
IIO=-2mA,TA≤125°C
VDD-900
0
10
20
30
40
50
60
70
80
90
VDD [V]
-45°C
25°C
90°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com