Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 93Page - STMicroelectronics ST7LITEUSX Datasheet HTML 94Page - STMicroelectronics ST7LITEUSX Datasheet HTML 95Page - STMicroelectronics ST7LITEUSX Datasheet HTML 96Page - STMicroelectronics ST7LITEUSX Datasheet HTML 97Page - STMicroelectronics ST7LITEUSX Datasheet HTML 98Page - STMicroelectronics ST7LITEUSX Datasheet HTML 99Page - STMicroelectronics ST7LITEUSX Datasheet HTML 100Page - STMicroelectronics ST7LITEUSX Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
ST7LITEUSx
97/108
14.2 ORDERING INFORMATION
Customer code is made up of the FASTROM con-
tents and the list of the selected options (if any).
The FASTROM contents are to be sent on dis-
kette, or by electronic means, with the S19 hexa-
decimal file generated by the development tool. All
unused bytes must be set to FFh. The selected op-
tions are communicated to STMicroelectronics us-
ing the correctly completed OPTION LIST append-
ed.
Refer to application note AN1635 for information
on the counter listing returned by ST after code
has been transferred.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Table 24. Supported part numbers
Part Number
Program
Memory
(Bytes)
RAM
(Bytes)
ADC
Temp.
Range
Package
Conditioning
ST7FLITEUS2B6
1K FLASH
128
-
-40°C +85°C
DIP8
Tube
ST7FLITEUS2M6
-
SO8
Tube
ST7FLITEUS2M6TR
-
SO8
Tape & Reel
ST7FLITEUS2U6TR
-
DFN8
Tape & Reel
ST7FLITEUS5B6
1K FLASH
128
10-bit
-40°C +85°C
DIP8
Tube
ST7FLITEUS5M6
10-bit
SO8
Tube
ST7FLITEUS5M6TR
10-bit
SO8
Tape & Reel
ST7FLITEUS5U6
10-bit
DFN8
Tray
ST7FLITEUS5U6TR
10-bit
DFN8
Tape & Reel
ST7FLITEUSICD
1K FLASH
128
-
-40°C +125°C
DIP16 1)
Tube
ST7PLITEUS2B6
1K FASTROM
128
-
-40°C +85°C
DIP8
Tube
ST7PLITEUS2M6
-
SO8
Tube
ST7PLITEUS2M6TR
-
SO8
Tape & Reel
ST7PLITEUS2U6TR
-
DFN8
Tape & Reel
ST7PLITEUS5B6
1K FASTROM
128
10-bit
-40°C +85°C
DIP8
Tube
ST7PLITEUS5M6
10-bit
SO8
Tube
ST7PLITEUS5M6TR
10-bit
SO8
Tape & Reel
ST7PLITEUS5U6
10-bit
DFN8
Tray
ST7PLITEUS5U6TR
10-bit
DFN8
Tape & Reel
ST7FLITEUS2B3
1K FLASH
128
-
-40°C +125°C
DIP8
Tube
ST7FLITEUS2M3
-
SO8
Tube
ST7FLITEUS2M3TR
-
SO8
Tape & Reel
ST7FLITEUS2U3TR
-
DFN8
Tape & Reel
ST7FLITEUS5B3
1K FLASH
128
10-bit
-40°C +125°C
DIP8
Tube
ST7FLITEUS5M3
10-bit
SO8
Tube
ST7FLITEUS5M3TR
10-bit
SO8
Tape & Reel
ST7FLITEUS5U3
10-bit
DFN8
Tray
ST7FLITEUS5U3TR
10-bit
DFN8
Tape & Reel
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com