Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 15Page - STMicroelectronics ST7LITEUSX Datasheet HTML 16Page - STMicroelectronics ST7LITEUSX Datasheet HTML 17Page - STMicroelectronics ST7LITEUSX Datasheet HTML 18Page - STMicroelectronics ST7LITEUSX Datasheet HTML 19Page - STMicroelectronics ST7LITEUSX Datasheet HTML 20Page - STMicroelectronics ST7LITEUSX Datasheet HTML 21Page - STMicroelectronics ST7LITEUSX Datasheet HTML 22Page - STMicroelectronics ST7LITEUSX Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
ST7LITEUSx
19/108
6.2 REGISTER DESCRIPTION
MAIN CLOCK CONTROL/STATUS REGISTER
(MCCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:1 = Reserved, must be kept cleared.
Bit 0 = SMS Slow Mode select
This bit is read/write by software and cleared by
hardware after a reset. This bit selects the input
clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSC
1: Slow mode (fCPU = fOSC/32)
RC CONTROL REGISTER (RCCR)
Read / Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = CR[9:2] RC Oscillator Frequency Ad-
justment Bits
These bits, as well as CR[1:0] bits in the SICSR
register must be written immediately after reset to
adjust the RC oscillator frequency and to obtain
the required accuracy. The application can store
the correct value for each voltage range in Flash
memory and write it to this register at start-up.
00h = maximum available frequency
FFh = lowest available frequency
Note: To tune the oscillator, write a series of differ-
ent values in the register until the correct frequen-
cy is reached. The fastest method is to use a di-
chotomy starting with 80h.
SYSTEM INTEGRITY (SI) CONTROL/STATUS
REGISTER (SICSR)
Read/Write
Reset Value: 0000 0x00 (0xh)
Bit 7 = Reserved, must be kept cleared.
Bits 6:5 = CR[1:0] RC Oscillator Frequency Ad-
justment bits
These bits, as well as CR[9:2] bits in the RCCR
register must be written immediately after reset to
adjust the RC oscillator frequency and to obtain
the required accuracy. Refer to section 6.1 on
page 17.
Bits 4:3 = Reserved, must be kept cleared.
Bits 2:0 = System Integrity bits. Refer to Section
7.4 SYSTEM INTEGRITY MANAGEMENT (SI).
70
00
00
000
SMS
70
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
70
0
CR1 CR0
0
0
LVDR
F
AVD
F
AVDI
E
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com