Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 68Page - STMicroelectronics ST7LITEUSX Datasheet HTML 69Page - STMicroelectronics ST7LITEUSX Datasheet HTML 70Page - STMicroelectronics ST7LITEUSX Datasheet HTML 71Page - STMicroelectronics ST7LITEUSX Datasheet HTML 72Page - STMicroelectronics ST7LITEUSX Datasheet HTML 73Page - STMicroelectronics ST7LITEUSX Datasheet HTML 74Page - STMicroelectronics ST7LITEUSX Datasheet HTML 75Page - STMicroelectronics ST7LITEUSX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
ST7LITEUSx
72/108
12.3.5.2 Internal RC oscillator calibrated at 3.3V
The ST7 internal clock can be supplied by an internal RC oscillator (selectable by option byte).
Notes:
1. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 17
2. Guaranteed by Design.
Figure 40. Internal RC oscillator frequency vs. temperature (RCCR=RCCR0) at VDD = 5.0V
Figure 41. Internal RC oscillator frequency vs. temperature (RCCR=RCCR1) at VDD = 3.3V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator frequency
RCCR = FF (reset value),
TA=25°C,VDD=3.3V
4.4
MHz
RCCR = RCCR11 ),TA=25°C,VDD=3.3V
8
ACCRC
Accuracy of Internal RC oscillator
with
RCCR=RCCR11)
TA=25°C, VDD=3.3V
-2
+2
%
TA=25°C, VDD=3.0 to 3.6V
-4
+4
%
TA=0 to +85°C, VDD=3.3V
-4
+3.5
%
TA=0 to +85°C, VDD=3.0 to 3.6V
-6
+5
%
TA=0 to +125°C, VDD=3.3V
-5.5
+4.5
%
TA=0 to +125°C, VDD=3.0 to 3.6V
-7
+5.5
%
TA=-40°C to 0°C, VDD=3.0 to 3.6V
-6
+6
%
IDD(RC)
RC oscillator current consumption TA=25°C, VDD=3.3V
900 2)
µA
tsu(RC)
RC oscillator setup time
TA=25°C, VDD=3.3V
4 2)
µs
7.75
8
8.25
-60
-40
-20
0
20
40
60
80
100
120
140
TA (°C)
4.5V
5.0V
5.5V
7.5
7.75
8
8.25
-60
-40
-20
0
20
40
60
80
100
120
140
TA (°C)
3.0V
3.3V
3.6V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com