Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 69Page - STMicroelectronics ST7LITEUSX Datasheet HTML 70Page - STMicroelectronics ST7LITEUSX Datasheet HTML 71Page - STMicroelectronics ST7LITEUSX Datasheet HTML 72Page - STMicroelectronics ST7LITEUSX Datasheet HTML 73Page - STMicroelectronics ST7LITEUSX Datasheet HTML 74Page - STMicroelectronics ST7LITEUSX Datasheet HTML 75Page - STMicroelectronics ST7LITEUSX Datasheet HTML 76Page - STMicroelectronics ST7LITEUSX Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
ST7LITEUSx
73/108
12.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
12.4.1 Supply Current
TA = -40 to +125°C unless otherwise specified
Notes:
1. CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals
in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
2. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN)
driven by external square wave, LVD disabled.
3. SLOW mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at VDD or
VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
4. SLOW-WAIT mode selected with fCPU based on fOSC divided by 32. All I/O pins in input mode with a static value at
VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
5. All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max. and fCPU
max.
6. This consumption refers to the Halt period only and not the associated run period which is software dependent.
7. All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on characterization results,
tested in production at VDD max and fCPU max.
8. Data based on characterization, not tested in production.
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode 1)
fCPU = 4MHz
2.5
5.0
mA
fCPU = 8MHz
5.0
9.0
Supply current in WAIT mode 2)
fCPU = 4MHz
1.0
2.5
fCPU = 8MHz
1.5
4.0
Supply current in SLOW mode 3)
fCPU/32 = 250kHz
650
1100
µA
Supply current in SLOW-WAIT mode 4)
fCPU/32 = 250kHz
500
900
Supply current in AWUFH mode 5)6)
40
120 8)
Supply current in ACTIVE HALT mode
100
250
Supply current in HALT mode 7)
0.5
3
Supply current in RUN mode 1)
fCPU = 4MHz
1.5
4.0 8)
mA
Supply current in WAIT mode 2)
fCPU = 4MHz
0.5
2.5 8)
Supply current in SLOW mode 3)
fCPU/32 = 250kHz
350
700 8)
µA
Supply current in SLOW-WAIT mode 4)
fCPU/32 = 250kHz
285
600 8)
Supply current in AWUFH mode 5)6)
15
80 8)
Supply current in ACTIVE HALT mode
70
200
Supply current in HALT mode 7)
0.25
3 8)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com