Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 45Page - STMicroelectronics ST7LITEUSX Datasheet HTML 46Page - STMicroelectronics ST7LITEUSX Datasheet HTML 47Page - STMicroelectronics ST7LITEUSX Datasheet HTML 48Page - STMicroelectronics ST7LITEUSX Datasheet HTML 49Page - STMicroelectronics ST7LITEUSX Datasheet HTML 50Page - STMicroelectronics ST7LITEUSX Datasheet HTML 51Page - STMicroelectronics ST7LITEUSX Datasheet HTML 52Page - STMicroelectronics ST7LITEUSX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
ST7LITEUSx
49/108
LITE TIMER (Cont’d)
Input Capture
The 8-bit input capture register is used to latch the
free-running upcounter after a rising or falling edge
is detected on the LTIC pin. When an input capture
occurs, the ICF bit is set and the LTICR register
contains the MSB of the free-running upcounter.
An interrupt is generated if the ICIE bit is set. The
ICF bit is cleared by reading the LTICR register.
The LTICR is a read only register and always con-
tains the data from the last input capture. Input
capture is inhibited if the ICF bit is set.
10.1.4 Low Power Modes
10.1.5 Interrupts
Note: The TBF and ICF interrupt events are con-
nected to separate interrupt vectors (see Inter-
rupts chapter).
They generate an interrupt if the enable bit is set in
the LTCSR register and the interrupt mask in the
CC register is reset (RIM instruction).
Figure 32. Input Capture Timing Diagram
Mode
Description
WAIT
No effect on Lite timer
ACTIVE-HALT
No effect on Lite timer
HALT
Lite timer stops counting
Interrupt
Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Exit
from
Active-
Halt
Timebase
Event
TBF
TBIE
Yes
No
Yes
IC Event
ICF
ICIE
Yes
No
No
0004h
13-bit COUNTER
t
0001h
fOSC
xxh
0002h
0003h
0005h
0006h
0007h
04h
LTIC PIN
ICF FLAG
LTICR REGISTER
CLEARED
125ns
(@ 8MHz fOSC)
fCPU
BY S/W
07h
READING
LTIC REGISTER
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com