Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 80Page - STMicroelectronics ST7LITEUSX Datasheet HTML 81Page - STMicroelectronics ST7LITEUSX Datasheet HTML 82Page - STMicroelectronics ST7LITEUSX Datasheet HTML 83Page - STMicroelectronics ST7LITEUSX Datasheet HTML 84Page - STMicroelectronics ST7LITEUSX Datasheet HTML 85Page - STMicroelectronics ST7LITEUSX Datasheet HTML 86Page - STMicroelectronics ST7LITEUSX Datasheet HTML 87Page - STMicroelectronics ST7LITEUSX Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 108 page
background image
ST7LITEUSx
84/108
I/O PORT PIN CHARACTERISTICS (Cont’d)
Figure 55. Typical VDD-VOH at VDD = 2.4V (HS
pins)
Figure 56. Typical VDD-VOH at VDD = 3V (HS
pins)
Figure 57. Typical VDD-VOH at VDD = 4V (HS
pins)
Figure 58. Typical VDD-VOH at VDD = 5V (HS
pins)
Figure 59. Typical VOL vs. VDD (standard I/Os)
0
200
400
600
800
1000
1200
0
-2-4-6
-8
-10
-12
ILOAD [mA]
-45°C
25°C
90°C
0
100
200
300
400
500
600
700
800
900
1000
0
-2-4-6-8
-10
-12
Iload [mA]
-45°C
25°C
90°C
0
100
200
300
400
500
600
700
0
-2-4-6
-8
-10
-12
ILOAD [mA]
-45°C
25°C
90°C
0
100
200
300
400
500
600
0-2
-4
-6
-8
-10
-12
Iload [mA]
-45°C
25°C
90°C
0
50
100
150
200
250
300
350
400
450
500
2.4
3
3.4
4
4.4
5
5.4
6
VDD [V}
-45°C
25°C
90°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com