Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LITEUSX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 1 Page - STMicroelectronics

  ST7LITEUSX Datasheet HTML 1Page - STMicroelectronics ST7LITEUSX Datasheet HTML 2Page - STMicroelectronics ST7LITEUSX Datasheet HTML 3Page - STMicroelectronics ST7LITEUSX Datasheet HTML 4Page - STMicroelectronics ST7LITEUSX Datasheet HTML 5Page - STMicroelectronics ST7LITEUSX Datasheet HTML 6Page - STMicroelectronics ST7LITEUSX Datasheet HTML 7Page - STMicroelectronics ST7LITEUSX Datasheet HTML 8Page - STMicroelectronics ST7LITEUSX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
January 2007
1/108
Rev. 4
ST7LITEUSx
8-bit MCU with single voltage Flash memory,
ADC, timers
Features
■ Memories
– 1K bytes single voltage Flash Program mem-
ory with read-out protection, In-Circuit and In-
Application Programming (ICP and IAP). 10K
write/erase cycles guaranteed, data retention:
20 years at 55°C.
– 128 bytes RAM.
■ Clock, Reset and Supply Management
– 3-level low voltage supervisor (LVD) and aux-
iliary voltage detector (AVD) for safe power-
on/off procedures
– Clock sources: internal trimmable 8MHz RC
oscillator, internal low power, low frequency
RC oscillator or external clock
– Five Power Saving Modes: Halt, Auto Wake
Up from Halt, Active-Halt, Wait and Slow
■ Interrupt Management
– 11 interrupt vectors plus TRAP and RESET
– 5 external interrupt lines (on 5 vectors)
■ I/O Ports
– 5 multifunctional bidirectional I/O lines
– 1 additional Output line
– 6 alternate function lines
– 5 high sink outputs
■ 2 Timers
– One 8-bit Lite Timer (LT) with prescaler in-
cluding: watchdog, one realtime base and one
8-bit input capture.
– One 12-bit Auto-reload Timer (AT) with output
compare function and PWM
■ A/D Converter
– 10-bit resolution for 0 to VDD
– 5 input channels
■ Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
■ Development Tools
– Full hardware/software development package
– Debug Module
Table 1. Device summary
Note 1: For development or tool prototyping purposes only. Not orderable in production quantities.
DIP8
SO8
150”
DFN8
Features
ST7ULTRALITE
ST7LITEUS2
ST7LITEUS5
Program memory - bytes
1K
RAM (stack) - bytes
128 (64)
Peripherals
LT Timer w/ Wdg, AT Timer w/ 1 PWM
ADC
-
10-bit
Operating Supply
2.4V to 3.3V @fCPU=4MHz, 3.3V to 5.5V @fCPU=8MHz
CPU Frequency
up to 8MHz RC
Operating Temperature
-40°C to +85°C / -40°C to 125°C
Packages
SO8 150”, DIP8, DFN8, DIP161)
1


Similar Part No. - ST7LITEUSX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITEUS2 STMICROELECTRONICS-ST7LITEUS2 Datasheet
1Mb / 136P
Interrupt management
06-Feb-2009
ST7LITEUS5 STMICROELECTRONICS-ST7LITEUS5 Datasheet
1Mb / 136P
Interrupt management
06-Feb-2009
More results

Similar Description - ST7LITEUSX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
Nov-2000
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
8-bit MCU with single voltage Flash memory, ADC, timers
May-2007
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
23-Nov-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com