Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 2 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 2 Page - Littelfuse

  LS0502SCD33 Datasheet HTML 1Page - Littelfuse LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
2
Pin #
Pin Name
Description
1
VIN
Input Power Supply. Connect to a 5 V system supply rail and bypass with a 10 μF capacitor to GND.
2
PFB
Input voltage sensing input. Connect to the center point of a resistor divider from VIN to GND. It is compared
with internal 1.2 V reference. When PFB is below1.2 V, PFLTB will pull high to indicate input power failure."
3
ILIMT
Input overcurrent protection setting pin. Connect a resistor to ground the set the input overcurrent protection level. If
ILIMT is short to GND, input current limit is set to 3 A. If ILIMT is floating, input current limit is 0 A. The
Limit current is determined by the equation: ILIMT = 30 A*kΩ/RLIMIT
4
ICHG
Charge Current Input. This pin sets the maximum current level for charging super capacitor. The charger current
recommend <350 mA (R
CHG>10 k).
The Charge Current is determined by the equation: ICHG = 3.3 A*kΩ/R
CHG
5
GND
Ground.
6
PFLTB
Open-Drain input power failure indicator. PFLTB goes low when the PFB drop below 1.2 V or (VIN-VSYS) exceed 360
mV. Connect to an external pull up resistor.
7
CFB
VCAP Feedback. Connect to the upper point of a resistor divider from VCAP to GND. Part stops charging super
capacitor when CFB voltage is above 1.1 V.
8
VMID
Super capacitor balance point. Connect to center point of stacked two super capacitors.
9
VCAP
Super Cap. Connect to top point of two super cap stacks.
10
VSYS
Supply rail for internal system. Power is draw from VIN when valid input supply is present. When input power
failed, power will be provided by super capacitor connected to VCAP.
EP
EP
Note: EP use conductive glue and GND PAD has no down bonding.
Pinout Designation
1
3
2
VMID
GND
PFLTB
6
7
8
VIN
ICHG
GND
4
5
CFB
9
10
PFB
Exposed Pad on Backside
ILIMIT
VSYS
VCAP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com