Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 4 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 4 Page - Littelfuse

  LS0502SCD33 Datasheet HTML 1Page - Littelfuse LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
4
Parameter
Test Conditions
Min
Typ
Max
Unit
Super Capacitor Charger/Discharger
V
CFB Threshold Voltage to Stop Charging
-
1.04
1.08
1.12
V
V
CFB Hysteresis
-
-
40
-
mV
CFB Regulation Reference Voltage
-
1.05
1.1
1.15
V
CFB Leakage Current
-
-
-
50
nA
Charge Current
R
ICHG = 33 kΩ, VCAP = 3 V
75
100
125
mA
R
ICHG = 33 kΩ, VCAP = 0 V
30
45
60
mA
Charging/Discharging PMOS Rdson
-
-
100
-
mΩ
Capacitor Voltage Clamp for each Capacitor
-
2.44
2.65
2.76
V
Maximum Capacitor Stack Voltage
-
4.88
5.3
5.52
V
VMID Balance Source Current Threshold
VCAP = 4 V, VMID Rising
1.93
1.99
2.04
V
VCAP = 4 V, VMID Falling
1.92
1.98
2.03
V
VMID Balance Sink Current Threshold
VCAP = 4 V, VMID Rising
1.96
2.02
2.07
V
VCAP = 4 V, VMID Falling
1.95
2.01
2.06
V
PMOS Body Diode Switch (VCAP-VSYS) Threshold Voltage
VCAP ramp up from below VSYS
-
100
-
mV
PMOS Charge Mode and Switch Body V
DS Threshold Voltage
VCAP ramp down from above VSYS
-
250
-
mV
VCAP Charge Mode Threshold (VSYS- VCAP) Voltage
VCAP ramp down from above VSYS
-
10
-
mV
VCAP Charge Threshold (VSYS- VCAP) Hysteresis Voltage
VCAP ramp up from below VSYS
-
-100
-
mV
Input Power Fail Comparator
V
PFB Threshold Voltage (Falling)
-
-
1.2
-
V
V
PFB Hysteresis
-
-
85
-
mV
VSYS Power Good Threshold
VIN -VSYS
-
260
-
mV
VSYS Power Fail Threshold
VIN-VSYS
-
320
-
mV
PFLT Output Low Voltage
I
SINK = 1 mA
-
100
-
mV
PFLT High Impedance Leakage
V
PFLT = 5 V
-
-
0.1
μA
PFLT Deglitch Time
-
-
3.5
-
ms
Thermal Shutdown Temperature
T
J rising, 30 °C typical hysteresis
-
150
-
°C
Thermal Shutdown Hysteresis
-
-
30
-
°C
Electrical Characteristics (T
A = +25 °C, VIN = 5 V, VCAP = 5 V, unless otherwise specified)
1
Notes:
1. Limits are 100 % production testes @ T
A = +25 °C, unless otherwise noted. Limits over the temperature range are guaranteed by design.
2. Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com