Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 9 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 9 Page - Littelfuse

Back Button LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse LS0502SCD33 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
9
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-dow
Critical Zone
TL to TP
Critical Zone
TL to TP
Average ramp up rate (Tsmin toT
P)
1~2 °C/second,
3 °C/second max
Preheat &
Soak
- Temperature Min (T
s(min))
150 °C
- Temperature Max (T
s(max))
200 °C
- Time (min to max) (t
s)
60 – 120 seconds
Time
maintained
above
- Temperature(T
L)
217 °C
- Time(t
L)
60~150 seconds
Peak Temperature (T
P)
See Classification
Temp in table 1
Time within 5°C of actual Peak Temperature (t
p)
30 seconds max
Ramp-down Rate
6 °C/second max
Time 25°C to Peak Temperature (T
P)
8 minutes max
Soldering Parameters
Notes:
1. Tolerance for peak profile Temperature(T
P) is defined as a supplier minimum and a user maximum.
2. Tolerance for time at peak profile temperature (t
P) is defined as a supplier minimum and a user maximum.
Pb-free Process –Classification Temperatures (TC)
Package Thickness
Volume
mm3
<350
Volume
mm3
350-2000
Volume
mm3
>2000
<1.6 mm
260 °C
260 °C
260 °C
1.6 mm–2.5 mm
260 °C
250 °C
245 °C
>2.5 mm
250 °C
245 °C
245 °C
Note: For all temperature information, please refer to topside of the package, measured on the package body
surface.
Part Number
Marking
Package
Min. Order Qty.
LS0502SCD33
0502SC
DFN3x3_10L
5000/Tape & Reel
Ordering Information
Part Code
0502SC
YWWAB
Y: Year Code
WW: Weekly Code
A: Assembly Code
B: Lot code
05 02 SC
Current
02:2 A
SC: Super Capacitor
Operation Voltage
05:5 V
Load Switch
LS
D33
Package Type
DFN3x3_10
Part Numbering
Part Marking



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com