Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 3 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 3 Page - Littelfuse

  LS0502SCD33 Datasheet HTML 1Page - Littelfuse LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
3
Absolute Maximum Rating (Reference to GND)
Notes: Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
Symbol
Value
Units
VCAP, VSYS, PFLTB to GND
-0.3 to +6
V
VIN to GND
-0.3 to +18
V
VMID, CFB to GND
-0.3 to VCAP+0.3
V
PFB, ILIMT, ICHG to GND
-0.3 to VSYS+0.3
V
ESD
Class 2
-
Lead Temperature (Soldering 10 s)
260
°C
Junction Temperature Range
-40 to +150
°C
Storage Temperature Range
-65 to +150
°C
Recommend Operating Conditions
Symbol
Value
Units
Input Voltage (VIN)
+3.3 to +5.5
V
Cap Voltage (VCAP)
+0.8 to +5.5
V
Operating Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
°C
Notes: The device is not guaranteed to function outside of the recommended operating conditions.
Symbol
Value
Units
Maximum Power Dissipation (T
A = 25 °C )
2.3
W
Thermal Resistance (
θ
JA)
53
°C/W
Thermal Resistance (
θ
JC)
25
°C/W
Notes:
1. Measured on JESD51-7, 4-Layer PCB.
2. The maximum allowable power dissipation is a function of the maximum junction temperature T
J_MAX,
the junction to ambient thermal resistance
θ
JA, and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by P
D_MAX = (TJ_MAX-TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage.
Thermal information
Parameter
Test Conditions
Min
Typ
Max
Unit
Input Voltage Range
-
3.3
-
5.5
V
VSYS Charging Supply Current
PFB>1.2 V, VIN = 5 V
-
650
-
μA
VSYS Backup Supply Current
PFB = 0, VCAP = 5 V
-
1.5
-
μA
VCAP UVLO Threshold
VCAP falling
1.45
1.65
1.85
V
VCAP UVLO Hysteresis
-
-
200
-
mV
INPUT OVP OCP Switch
Input Overvoltage Protection Threshold voltage
VIN Rising
-
min: 5.6,
max: 6.4
-
V
Input Overvoltage Hysteresis
-
-
0.4
-
V
Input Overcurrent level
R
ILIMT = 25.5 kΩ
-
min: 0.96,
max: 1.44
-
A
Max Input Overcurrent Level
VIN>4.2 V,ILIMT connect to GND
-
3
-
A
Input Overvoltage Switch Rdson
-
-
0.1
-
Ideal Diode
Drain Source regulation voltage
-
-
25
-
mV
Source Drain fast reverse blocking threshold voltage2
-
-
-20
-
mV
PMOS Rdson
-
-
50
-
mΩ
PMOS Leakage Current
-
-
-
0.1
μA
Electrical Characteristics (T
A = +25 °C, VIN = 5 V, VCAP = 5 V, unless otherwise specified)
1
Notes:
1. Limits are 100 % production testes @ T
A = +25 °C, unless otherwise noted. Limits over the temperature range are guaranteed by design.
2. Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com