Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 6 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 6 Page - Littelfuse

Back Button LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse LS0502SCD33 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
6
Figure 7 : Charger Mode VCAP Short
Figure 8 : Charger TC Mode* -> CC Mode
VCAP
VSYS
1 V/div
1 V/div
VIN = 5 V
400 ms/div
ICHG = 0.3 A
ISYS = 0 A
VIN
ICAP = 0 A~short
IIN
1 V/div
1 A/div
VCAP
VSYS
1 V/div
1 V/div
VIN = 5 V
2 ms/div
ICHG = 0.15 A 0.3 A
I SYS = 0.5 A
PFLTB
IIN
1 V/div
500 mA/div
VCAP
VSYS
1 V/div
2 V/div
10 s/div
VIN= 5.6 V OVP
ICHG = 0.3 A
VIN
I SYS = 0.5 A
IIN
2 V/div
500 mA/div
Figure 9 : Charger 4VIN Switch to 5VIN
(Setting VIN_UVLO 4.1 V )
Figure 10 : VIN OVP Protection
Figure 11 : VIN OVP Recovery
VCAP
VSYS
1 V/div
2 V/div
4 s/div
ICHG= 0.3 A
VIN = OVP Recovery
VIN
ISYS = 0.5 A
IIN
2 V/div
500 mA/div
VCAP
VSYS
1 V/div
1 V/div
VIN = 5 V
200 ms/div
ICHG = 0.3 A
ISYS = 0.5 A
PFLTB
IIN
2 V/div
500 mA/div
Note: *Refer to LS0502SCD33S



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com