Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 10 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 10 Page - Littelfuse

Back Button LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse LS0502SCD33 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
10
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
0.70
0.80
0.028
0.031
A1
0.00
0.05
0.000
0.002
b
0.18
0.30
0.007
0.012
D
2.90
3.10
0.114
0.122
D1
2.10
2.60
0.083
0.102
E
2.90
3.10
0.114
0.122
E1
1.35
1.80
0.053
0.071
e
0.50
0.020
L
0.30
0.50
0.012
0.020
Dimensions — DFN3x3_10L
Detail A
Theremal Pad Option
Pin 1
A
B
C
D
Feeding direction
Pin 1
Symbol
Millimeters
A
4.0
B
1.5
C
12.0
D
8.0
E
13 inch
F
13.0
Carrier Tape & Reel Specification — DFN3x3_10L
Product Disclaimer - Littelfuse products are not designed for, and shall not be used for, any purpose (including, without limitation, automotive, military, aerospace, medical, life-saving, life-sustaining or nuclear facility applications,
devices intended for surgical implant into the body, or any other application in which the failure or lack of desired operation of the product may result in personal injury, death, or property damage) other than those expressly set forth
in applicable Littelfuse product documentation. Warranties granted by Littelfuse shall be deemed void for products used for any purpose not expressly set forth in applicable Littelfuse documentation. Littelfuse shall not be liable for
any claims or damages arising out of products used in applications not expressly intended by Littelfuse as set forth in applicable Littelfuse documentation. The sale and use of Littelfuse products is subject to Littelfuse Terms and
Conditions of Sale, unless otherwise agreed by Littelfuse. "Littelfuse" includes Littelfuse, Inc., and all of its affiliate entities.
https://www.littelfuse.com/legal/disclaimers/product-disclaimer.aspx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com