Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0502SCD33 Datasheet(PDF) 8 Page - Littelfuse

Part # LS0502SCD33
Description  Super Capacitor Protection IC for Backup Power Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0502SCD33 Datasheet(HTML) 8 Page - Littelfuse

Back Button LS0502SCD33 Datasheet HTML 2Page - Littelfuse LS0502SCD33 Datasheet HTML 3Page - Littelfuse LS0502SCD33 Datasheet HTML 4Page - Littelfuse LS0502SCD33 Datasheet HTML 5Page - Littelfuse LS0502SCD33 Datasheet HTML 6Page - Littelfuse LS0502SCD33 Datasheet HTML 7Page - Littelfuse LS0502SCD33 Datasheet HTML 8Page - Littelfuse LS0502SCD33 Datasheet HTML 9Page - Littelfuse LS0502SCD33 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: JC. 08/12/24
LS0502SCD33
Super Capacitor Protection IC for Backup Power Applications
8
Operation
The system should have three states: STANDBY State, CHARGE State, DISCHARGE State and UVLO State.
STANDBY State:
1.VCAP > VSYS, VIN is still available and PFB higher than threshold voltage. Or,
2.VCAP reaches setting point by CFB and VIN is still available and PFB higher than threshold. Or,
3.Any of the two super capacitor voltage reaches internal protection point and VIN is still available.
In STANDBY State, M3 FET should be kept OFF. M3 body diode need to be switches according to VSYS VCAP voltage.
CHARGE State:
VSYS > VCAP, VIN is available and healthy; VCAP is below setting point by CFB. Both super capacitors are below overvoltage protection
point. In this state, M3 will turn off with current limit set by ICHG.
Two possible features need to be evaluated:
1. Input DPPM. If input voltage drop and PFB voltage drops close to set point, we can fold back charge current to limit current drain from
weak input source
2. Soft charging ending. When VCAP is charged and CFB voltage getting close to set point, we can fold back charge current so that when
charge stops, voltage drop on any impedance in series with capacitor doesn’t cause oscillation between charge mode/standby mode.
DISCHARGE State:
When PFB is below threshold, we consider input power source is gone. In this case, OVP FET is turned off. Ideal diode should be turned
off too. Power path control FET M3 is turned on to connect VCAP to VSYS. Transition from Charge Mode or Standby Mode to Discharge
Mode need to be smooth without huge inrush current, at the same time, it cannot let VSYS drop too much which might cause downstream
system to shut down.
In Discharge mode, all the bias current is supplied by VCAP. To extend operating time, quiescent current need to be below 1 μA in this
case. Circuits need to be alive are: 1. M3 overcurrent detection circuit; 2. UVLO detection circuit for VCAP.
UVLO State:
In case the system runs on Super Capacitor for long time without recharge, eventually VCAP will drop too low to sustain the function of
the whole system When VCAP drops too low, we will enter UVLO state. In this state, all the circuit is shut down. This state can only be
cleared if VIN is supplied.
Charge Mode
Path: 1 & 2
OVP FET M1:ON
Ideal Diode M2:ON
Power Path M3: ON
Standby Mode
Path: 1
OVP FET M1:ON
Ideal Diode M2:ON
Power Path M3: OFF
UVLO Mode
Turn Off
OVP FET M1:OFF
Discharge Mode
Path: 3
OVP FET M1:OFF
Ideal Diode M2:OFF
Power Path M3: ON
Ideal Diode M2:OFF
Power Path M3: OFF
Charging Done
PFB> Vth
VSYS<VCAP or
CFB ≥ Vth
Vin Good
PFB> Vth
Re-Charging
PFB> Vth
VSYS> VCAP or
CFB< Vth
Vin Good
PFB> Vth
Vin Fault
PFB< Vth
Vin Fault
PFB< Vth
VCAP>UVLO
Vcap Low
PFB< Vth
VCAP<UVLO
PCB Layout Guideline
■ The high current paths (GND, VIN, VSYS and VCAP) should be placed very close to the IC with short, direct and wide traces.
■ Put the input capacitors and VSYS capacitors as close to the VIN/VSYS and GND pins as possible.
■ Keep the VIN and GND pads connected with large copper and use at least two layers for IN and GND trace to achieve better
thermal performance. Also, add several vias with 10 mil_drill/18 mil_copper_width close to the VIN and GND pads to help on
thermal dissipation.
■ Four-layer layout is strongly recommended to achieve better thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com